Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation 80960CF-40 Datasheet HTML 31Page - Intel Corporation 80960CF-40 Datasheet HTML 32Page - Intel Corporation 80960CF-40 Datasheet HTML 33Page - Intel Corporation 80960CF-40 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
80960CF-40, -33, -25, -16
A
24
PRELIMINARY
4.3
Recommended Connections
Power and ground connections must be made to
multiple VCC and VSS (GND) pins. Every 80960CF-
based circuit board should include power (VCC) and
ground (VSS) planes for power distribution. Every
VCC pin must be connected to the power plane, and
every VSS pin must be connected to the ground
plane.
Pins
identified
as
“NC”
must
not be
connected in the system.
Liberal decoupling capacitance should be placed
near the 80960CF. The processor can cause tran-
sient power surges when its numerous output buffers
transition, particularly when connected to large
capacitive loads.
Low inductance capacitors and interconnects are
recommended for best high frequency electrical
performance. Inductance can be reduced by short-
ening the board traces between the processor and
decoupling capacitors as much as possible. Capaci-
tors specifically designed for PGA packages will offer
the lowest possible inductance.
For reliable operation, always connect unused inputs
to an appropriate signal level. In particular, any
unused interrupt (XINT, NMI), DMA (DREQ), or
BTERM input should be connected to VCC through a
pull-up resistor. Pull-up resistors should be in the in
the range of 20 K
Ω for each pin tied high. If READY
or HOLD are not used, the unused input should be
connected to ground. N.C. pins must always
remain unconnected. For additional information
refer to the
i960® Cx Microprocessor User’s Manual
(270710).
4.4
DC Specifications
Table 14. DC Characteristics (Sheet 1 of 2)
(80960CF-40, 33, -25, -16 under the conditions described in Section 4.2, Operating Conditions.)
Symbol
Parameter
Min
Max
Units
Notes
VIL
Input Low Voltage for all pins except RESET
– 0.3
+0.8
V
VIH
Input High Voltage for all pins except RESET
2.0
VCC + 0.3
V
VOL
Output Low Voltage
0.45
V
IOL = 5 mA
VOH
Output High Voltage
IOH = –1 mA
IOH = – 200 µA
2.4
VCC – 0.5
V
V
VILR
Input Low Voltage for RESET
– 0.3
1.5
V
VIHR
Input High Voltage for RESET
3.5
VCC + 0.3
V
NOTES:
1. No pullup or pulldown.
2. These pins have internal pullup resistors.
3. These pins have internal pulldown resistors.
4. Measured at worst case frequency, VCC and temperature, with device operating and outputs loaded to the test conditions
described in Section 4.5.1, AC TEST CONDITIONS.
5. ICC Typical is not tested.
6. Output Capacitance is the capacitive load of a floating output.
7. CLKMODE pin has a pulldown resistor only when ONCE pin is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com