Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 32 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation 80960CF-40 Datasheet HTML 31Page - Intel Corporation 80960CF-40 Datasheet HTML 32Page - Intel Corporation 80960CF-40 Datasheet HTML 33Page - Intel Corporation 80960CF-40 Datasheet HTML 34Page - Intel Corporation 80960CF-40 Datasheet HTML 35Page - Intel Corporation 80960CF-40 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
26
PRELIMINARY
80960CF-40, -33, -25, -16
A
4.5
AC Specifications
Table 15. 80960CF AC Characteristics (40 MHz) (Sheet 1 of 3)
(80960CF-40 only, per the conditions in 4.2 Operating Conditions and 4.5.1 AC TEST CONDITIONS.)
Symbol
Parameter
Min
Max
Units
Notes
Input Clock (1,9)
TF
CLKIN Frequency
0
80
MHz
TC
CLKIN Period
In 1-x Mode (fCLK1x)
In 2-x Mode (fCLK2x)
25
12.5
125
∞
ns
ns
(11)
TCS
CLKIN Period Stability
In 1-x Mode (fCLK1x)
±0.1%
∆
(12)
TCH
CLKIN High Time
In 1-x Mode (fCLK1x)
In 2-x Mode (fCLK2x)
5
5
62.5
∞
ns
ns
(11)
TCL
CLKIN Low Time
In 1-x Mode (fCLK1x)
In 2-x Mode (fCLK2x)
5
5
62.5
∞
ns
ns
(11)
TCR
CLKIN Rise Time
0
6
ns
TCF
CLKIN Fall Time
0
6
ns
Output Clocks (1,8)
TCP
CLKIN to PCLK2:1 Delay
In 1-x Mode (fCLK1x)
In 2-x Mode (fCLK2x)
– 2
2
2
25
ns
ns
(3,12)
(3)
T
PCLK2:1 Period
In 1-x Mode (fCLK1x)
In 2-x Mode (fCLK2x)
TC
2TC
ns
ns
(12)
(3)
TPH
PCLK2:1 High Time
(T/2) – 2
T/2
ns
(12)
TPL
PCLK2:1 Low Time
(T/2) – 2
T/2
ns
(12)
TPR
PCLK2:1 Rise Time
1
4
ns
(3)
TPF
PCLK2:1 Fall Time
1
4
ns
(3)
Synchronous Outputs (8)
NOTES:
See Table 18 for all notes related to AC specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com