Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 11 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 7Page - Intel Corporation 80960CF-40 Datasheet HTML 8Page - Intel Corporation 80960CF-40 Datasheet HTML 9Page - Intel Corporation 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation 80960CF-40 Datasheet HTML 13Page - Intel Corporation 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
A
80960CF-40, -33, -25, -16
PRELIMINARY
5
3.0
PACKAGE INFORMATION
3.1
Package Introduction
This section describes the pins, pinouts and thermal
characteristics for the 80960CF in the 168-pin
Ceramic
Pin
Grid
Array
(PGA)
package;
the
80960CF-33, -25, -16 devices are also available in
the 196-pin Plastic Quad Flat Package (PQFP). For
complete package specifications and information,
see the
Packaging Handbook (# 240800).
3.2
Pin Descriptions
This section defines the 80960CF pins. Table 2
presents the legend for interpreting the pin descrip-
tions in the following tables. Pins associated with the
32-bit demultiplexed processor bus are described in
Table 2. Pins associated with the 80960CF DMA
Controller and Interrupt Unit are described in Table 3.
Pins associated with basic processor configuration
and control are described in Table 2.
All pins float while the processor is in the ONCE
mode.
Symbol
Description
I
Input only pin
O
Output only pin
I/O
Pin can be either an input or output
–
Pins “must be” connected as described
S(...)
Synchronous. Inputs must meet setup
and hold times relative to PCLK2:1 for
proper operation. Outputs are synchro-
nous to PCLK2:1.
S(E)
Edge sensitive input
S(L)
Level sensitive input
A(...)
Asynchronous. Inputs may be asynchro-
nous to PCLK2:1.
A(E)
Edge sensitive input
A(L)
Level sensitive input
H(...)
While the bus is in the Hold Acknowledge
or Bus Backoff state, the pin:
H(1)
is driven to VCC
H(0)
is driven to VSS
H(Z)
floats
H(Q)
continues to be a valid input
R(...)
While the processor’s RESET pin is low,
the pin:
R(1)
is driven to VCC
R(0)
is driven to VSS
R(Z)
floats
R(Q)
continues to be a valid output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com