Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 23 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 19Page - Intel Corporation 80960CF-40 Datasheet HTML 20Page - Intel Corporation 80960CF-40 Datasheet HTML 21Page - Intel Corporation 80960CF-40 Datasheet HTML 22Page - Intel Corporation 80960CF-40 Datasheet HTML 23Page - Intel Corporation 80960CF-40 Datasheet HTML 24Page - Intel Corporation 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
PRELIMINARY
17
A
80960CF-40, -33, -25, -16
Table 7. 80960CF PQFP Pinout — In Signal Order (80960CF-33, -25, -16 Only)
Address Bus
Data Bus
Bus Control
Processor Control
I/O
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A31
153
D31
186
BE3
176
RESET
91
DREQ3
60
A30
152
D30
187
BE2
175
FAIL
45
DREQ2
59
A29
151
D29
188
BE1
172
STEST
46
DREQ1
58
A28
145
D28
189
BE0
170
ONCE
43
DREQ0
57
A27
144
D27
191
CLKIN
87
A26
143
D26
192
W/R
164
CLKMODE 85
DACK3
65
A25
142
D25
194
PCLK2
74
DACK2
64
A24
141
D24
195
ADS
178
PCLK1
78
DACK1
63
A23
139
D23
3
VSS
DACK0
62
A22
138
D22
4
READY
182
Location
A21
137
D21
5
BTERM
184
2, 7, 16, 24, 30, 38,
39, 49, 56, 70, 75,
77, 81, 83, 88, 89,
92, 98, 105, 109,
110, 121, 125, 131,
135, 147, 150, 161,
165, 173, 174, 185,
196
EOP/TC3 69
A20
136
D20
6
EOP/TC2 68
A19
134
D19
8
WAIT
162
EOP/TC1 67
A18
133
D18
9
BLAST
169
EOP/TC0 66
A17
132
D17
10
A16
130
D16
11
DT/R
163
XINT7
107
A15
129
D15
13
DEN
167
VCC
XINT6
106
A14
128
D14
14
Location
XINT5
102
A13
124
D13
15
LOCK
156
1, 12, 20, 28, 32, 37,
44, 50, 61, 71, 79,
82, 96, 99, 103, 115,
127, 140, 148, 154,
168, 171, 180, 190
XINT4
101
A12
123
D12
17
XINT3
100
A11
122
D11
18
HOLD
181
XINT2
95
A10
120
D10
19
HOLDA
179
XINT1
94
A9
119
D9
21
BREQ
155
XINT0
93
A8
118
D8
22
VCCPLL
72
A7
117
D7
23
D/C
159
No Connect
NMI
108
A6
116
D6
25
DMA
160
Location
A5
114
D5
26
SUP
158
29, 31, 41, 42, 47,
48, 51, 52, 53, 54,
55, 73, 76, 80, 84,
86, 90, 97, 104, 126,
146, 149, 157, 166,
177, 183, 193
A4
113
D4
27
A3
112
D3
33
BOFF
40
A2
111
D2
34
D1
35
D0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com