Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 44 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 40Page - Intel Corporation 80960CF-40 Datasheet HTML 41Page - Intel Corporation 80960CF-40 Datasheet HTML 42Page - Intel Corporation 80960CF-40 Datasheet HTML 43Page - Intel Corporation 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation 80960CF-40 Datasheet HTML 46Page - Intel Corporation 80960CF-40 Datasheet HTML 47Page - Intel Corporation 80960CF-40 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
38
PRELIMINARY
80960CF-40, -33, -25, -16
A
Figure 10. Output Delay and Float Waveform
Figure 11. Input Setup and Hold Waveform
PCLK2:1
Outputs
1.5 V
1.5 V
TOV
Min
Max
TOH
Min
Max
TOF
1.5 V
1.5 V
1.5 V
1.5 V
Outputs
F_CX011A
NOTES:
1. TOV TOH - OUTPUT DELAY - Maximum output delay is referred to as Output Valid Delay (TOV); minimum
output delay is referred to as Output Hold (TOH).
2. TOF - OUTPUT FLOAT DELAY - Output float condition occurs when the maximum output current becomes less that ILO
in magnitude.
PCLK2:1
Inputs:
1.5 V
1.5 V
1.5 V
Valid
TIS
TIH
(READY, HOLD, BTERM,
BOFF, DREQ3:0,
D31:0 on reads)
F_CX012A
Min
Max
NOTES:
1. TIS TIH - INPUT SETUP AND HOLD - The input setup and hold requirements specify the sampling win-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com