Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 29 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation 80960CF-40 Datasheet HTML 31Page - Intel Corporation 80960CF-40 Datasheet HTML 32Page - Intel Corporation 80960CF-40 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
A
80960CF-40, -33, -25, -16
PRELIMINARY
23
4.0
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature................................ –65°C to +150°C
Case Temperature Under Bias ..................–65°C to +110°C
Supply Voltage wrt. VSS ............................–0.5 V to + 6.5 V
Voltage on Other Pins wrt. VSS ......... –0.5 V to VCC + 0.5 V
NOTICE: This document contains preliminary infor-
mation on new products in production.The specifi-
cations are subject to change without notice. Verify
with your local Intel sales office that you have the
latest datasheet before finalizing a design.
*WARNING:
Stressing the device beyond the
“Absolute Maximum Ratings” may cause perma-
nent damage. These are stress ratings only. Opera-
tion beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.
4.2
Operating Conditions
Table 13. Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
80960CF-40
80960CF-33
80960CF-25
80960CF-16
4.75
4.50
4.50
4.50
5.25
5.50
5.50
5.50
V
fCLK2x
Input Clock Frequency (2-x Mode)
80960CF-40
80960CF-33
80960CF-25
80960CF-16
0
0
0
0
80
66
50
32
MHz
fCLK1x
Input Clock Frequency (1-x Mode)
80960CF-40
80960CF-33
80960CF-25
80960CF-16
8
8
8
8
40
33
25
16
MHz
(1)
TC
Case Temp Under Bias
PGA Pkg. (80960CF-40)
PGA Pkg. (80960CF-33, -25, -16 Only)
196-Pin PQFP (80960CF-33, -25, -16 Only)
0
0
0
85
100
100
oC
NOTES:
1. When in the 1-x input clock mode, CLKIN is an input to an internal phase-locked loop and must maintain a
minimum frequency of 8 MHz for proper processor operation. However, in the 1-x mode, CLKIN may still
be stopped when the processor is in a reset condition. If CLKIN is stopped, the specified RESET low time
must be provided once CLKIN restarts and has stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com