Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 24 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 20Page - Intel Corporation 80960CF-40 Datasheet HTML 21Page - Intel Corporation 80960CF-40 Datasheet HTML 22Page - Intel Corporation 80960CF-40 Datasheet HTML 23Page - Intel Corporation 80960CF-40 Datasheet HTML 24Page - Intel Corporation 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
18
PRELIMINARY
80960CF-40, -33, -25, -16
A
Table 8. 80960CF PQFP Pinout — In Pin Order (80960CF-33, -25, -16 Only)
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1VCC
34
D2
67
EOP/TC1
100
XINT3
133
A18
166
NC
2VSS
35
D1
68
EOP/TC2
101
XINT4
134
A19
167
DEN
3
D23
36
D0
69
EOP/TC3
102
XINT5
135
VSS
168
VCC
4
D22
37
VCC
70
VSS
103
VCC
136
A20
169
BLAST
5
D21
38
VSS
71
VCC
104
NC
137
A21
170
BE0
6
D20
39
VSS
72
VCCPLL
105
VSS
138
A22
171
VCC
7VSS
40
BOFF
73
NC
106
XINT6
139
A23
172
BE1
8
D19
41
NC
74
PCLK2
107
XINT7
140
VCC
173
VSS
9
D18
42
NC
75
VSS
108
NMI
141
A24
174
VSS
10
D17
43
ONCE
76
NC
109
VSS
142
A25
175
BE2
11
D16
44
VCC
77
VSS
110
VSS
143
A26
176
BE3
12
VCC
45
FAIL
78
PCLK1
111
A2
144
A27
177
NC
13
D15
46
STEST
79
VCC
112
A3
145
A28
178
ADS
14
D14
47
NC
80
NC
113
A4
146
NC
179
HOLDA
15
D13
48
NC
81
VSS
114
A5
147
VSS
180
VCC
16
VSS
49
VSS
82
VCC
115
VCC
148
VCC
181
HOLD
17
D12
50
VCC
83
VSS
116
A6
149
NC
182
READY
18
D11
51
NC
84
NC
117
A7
150
VSS
183
NC
19
D10
52
NC
85
CLKMODE
118
A8
151
A29
184
BTERM
20
VCC
53
NC
86
NC
119
A9
152
A30
185
VSS
21
D9
54
NC
87
CLKIN
120
A10
153
A31
186
D31
22
D8
55
NC
88
VSS
121
VSS
154
VCC
187
D30
23
D7
56
VSS
89
VSS
122
A11
155
BREQ
188
D29
24
VSS
57
DREQ0
90
NC
123
A12
156
LOCK
189
D28
25
D6
58
DREQ1
91
RESET
124
A13
157
NC
190
VCC
26
D5
59
DREQ2
92
VSS
125
VSS
158
SUP
191
D27
27
D4
60
DREQ3
93
XINT0
126
NC
159
D/
C
192
D26
28
VCC
61
VCC
94
XINT1
127
VCC
160
DMA
193
NC
29
NC
62
DACK0
95
XINT2
128
A14
161
VSS
194
D25
30
VSS
63
DACK1
96
VCC
129
A15
162
WAIT
195
D24
31
NC
64
DACK2
97
NC
130
A16
163
DT/
R
196
VSS
32
VCC
65
DACK3
98
VSS
131
VSS
164
W/
R
33
D3
66
EOP/TC0
99
VCC
132
A17
165
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com