Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 53 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 53 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 49Page - Intel Corporation 80960CF-40 Datasheet HTML 50Page - Intel Corporation 80960CF-40 Datasheet HTML 51Page - Intel Corporation 80960CF-40 Datasheet HTML 52Page - Intel Corporation 80960CF-40 Datasheet HTML 53Page - Intel Corporation 80960CF-40 Datasheet HTML 54Page - Intel Corporation 80960CF-40 Datasheet HTML 55Page - Intel Corporation 80960CF-40 Datasheet HTML 56Page - Intel Corporation 80960CF-40 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
PRELIMINARY
47
A
80960CF-40, -33, -25, -16
Figure 23. Clock Synchronization in the 2-x Clock Mode
Figure 24. Clock Synchronization in the 1-x Clock Mode
CLKIN
RESET
PCLK2:1
(Case 1)
PCLK2:1
(Case 2)
1.5 V
TIH
TIS
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
TCP
Max
Min
TCP
Max
Min
TCP
SYNC
Note: Case 1 and Case 2 show two possible polarities of PCLK2:1
Min
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
F_CX024A
Max
CLKIN
1.5 V
1.5 V
RESET
TIH
TIS
1.5 V
2x CLK
Note: In 1x clock mode, the RESET pin is actually sampled on the falling edge of 2xCLK. 2xCLK is an internal signal
generated by the PLL and is not available on an external pin. Therefore, RESET is specified relative to the rising
edge of CLKIN. The RESET pin is sampled when PCLK is high.
F_CX025A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com