Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 46 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 46 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 42Page - Intel Corporation 80960CF-40 Datasheet HTML 43Page - Intel Corporation 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation 80960CF-40 Datasheet HTML 46Page - Intel Corporation 80960CF-40 Datasheet HTML 47Page - Intel Corporation 80960CF-40 Datasheet HTML 48Page - Intel Corporation 80960CF-40 Datasheet HTML 49Page - Intel Corporation 80960CF-40 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
40
PRELIMINARY
80960CF-40, -33, -25, -16
A
Figure 14. Bus Backoff (BOFF) Timings
Figure 15. Relative Timings Waveforms
PCLK2:1
1.5 V
1.5 V
1.5 V
Outputs:
A31:2, D31:0, BE3:0,
ADS, BLAST, WAIT, W/R,
DT/R, DEN, LOCK,
D/C, SUP, DMA
Min
Max
Min
Max
Valid
1.5 V Valid
TOF
TOV
BOFF
TIS
TIH
1.5 V
1.5 V
1.5 V
TIH
TIS
F_CX015A
1.5 V
1.5 V
PCLK2:1
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
TAVSH
TDVNH
TNHQX
TNLNH
TAVEL
TVEL
TEHTV
TNLQV
ADS
A31:2, BE3:0,
W/R, LOCK,
SUP, D/C, DMA
D31:0
WAIT
DT/R
DEN
D31:0
F_CX016A
1.5 V
In
VIH
VIL
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com