Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 8Page - Intel Corporation 80960CF-40 Datasheet HTML 9Page - Intel Corporation 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation 80960CF-40 Datasheet HTML 13Page - Intel Corporation 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation 80960CF-40 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
6
PRELIMINARY
80960CF-40, -33, -25, -16
A
Table 2. 80960CF Pin Description — External Bus Signals (Sheet 1 of 3)
Name
Type
Description
A31:2
O
S
H(Z)
R(Z)
ADDRESS BUS carries the physical address’ upper 30 bits. A31 is the most significant
bit; A2 is least significant. During a bus access, A31:2 identify all external addresses to
word (4-byte) boundaries. Byte enable signals indicate the selected byte in each word.
During burst accesses, A3:2 increment to indicate successive data cycles.
D31:0
I/O
S(L)
H(Z)
R(Z)
DATA BUS carries 32-, 16- or 8-bit data quantities depending on bus width configura-
tion. The least significant bit is carried on D0 and the most significant on D31. When the
bus is configured for 8-bit data, the lower 8 data lines, D7:0 are used. For 16-bit data
bus widths, D15:0 are used. For 32-bit bus widths the full data bus is used.
BE3:0
O
S
H(Z)
R(1)
BYTE ENABLES select which of the four bytes addressed by A31:2 are active during
an access to a memory region configured for a 32-bit data-bus width. BE3 applies to
D31:24; BE2 applies to D23:16; BE1 applies to D15:8 BE0 applies to D7:0.
32-bit bus:
BE3
Byte Enable 3
enable D31:24
BE2
Byte Enable 2
enable D23:16
BE1
Byte Enable 1
enable D15:8
BE0
Byte Enable 0
enable D7:0
For accesses to a memory region configured for a 16-bit data-bus width, the processor
uses the BE3, BE1 and BE0 pins as BHE, A1 and BLE respectively.
16-bit bus:
BE3
Byte High Enable (BHE)
enable D15:8
BE2
Not used (driven high or low)
BE1
Address Bit 1 (A1)
BE0
Byte Low Enable (BLE)
enable D7:0
For accesses to a memory region configured for an 8-bit data-bus width, the processor
uses the BE1 and BE0 pins as A1 and A0 respectively.
8-bit bus:
BE3
Not used (driven high or low)
BE2
Not used (driven high or low)
BE1
Address Bit 1 (A1)
BE0
Address Bit 0 (A0)
W/R
O
S
H(Z)
R(0)
WRITE/READ is asserted for read requests and deasserted for write requests. The
W/R signal changes in the same clock cycle as ADS. It remains valid for the entire
access in non-pipelined regions. In pipelined regions, W/R is not guaranteed to be valid
in the last cycle of a read access.
ADS
O
S
H(Z)
R(1)
ADDRESS STROBE indicates a valid address and the start of a new bus access. ADS
is asserted for the first clock of a bus access.
READY
I
S(L)
H(Z)
R(Z)
READY is an input which signals the termination of a data transfer. READY is used to
indicate that read data on the bus is valid or that a write-data transfer has completed.
The READY signal works in conjunction with the internally programmed wait-state
generator. If READY is enabled in a region, the pin is sampled after the programmed
number of wait-states has expired. If the READY pin is deasserted, wait states continue
to be inserted until READY becomes asserted. This is true for the NRAD, NRDD, NWAD
and NWDD wait states. The NXDA wait states cannot be extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com