Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 18 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation 80960CF-40 Datasheet HTML 16Page - Intel Corporation 80960CF-40 Datasheet HTML 17Page - Intel Corporation 80960CF-40 Datasheet HTML 18Page - Intel Corporation 80960CF-40 Datasheet HTML 19Page - Intel Corporation 80960CF-40 Datasheet HTML 20Page - Intel Corporation 80960CF-40 Datasheet HTML 21Page - Intel Corporation 80960CF-40 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
80960CF-40, -33, -25, -16
A
12
PRELIMINARY
3.3
80960CF Mechanical Data
3.3.1
80960CF PGA PINOUT
Figure 2 depicts the complete 80960CF PGA pinout
as viewed from the top side of the component (i.e.,
pins facing down). Figure 3 shows the complete
80960CF PGA pinout as viewed from the pin-side of
the package (i.e., pins facing up).
Table 5 lists the 80960CF pin names and package
location in signal order; Table 6 lists the pin names
and package location in pin order. See Section 4.0,
ELECTRICAL SPECIFICATIONS for specifications
and recommended connections.
Figure 2. 80960CF PGA Pinout—View from Top (Pins Facing Down)
D5
D7
D8
D9
D11
D12
D13
D15
D16
D17
D19
D21
D24
D25
D2
D4
D6
VCC
D10
VCC
VCC
D14
VCC
D18
D20
D23
D27
D29
NC
D0
VCC
VSS
VSS
VSS
VSS
VSS
VSS
VCC
D22
D31
READY
D26
D28
BTERM
HOLDA
D30
HOLD
BE3
VCC
ADS
BE2
VSS
VCC
BE1
VSS
VCC
BLAST
VSS
BE0
DEN
VSS
VCC
W/R
VSS
VCC
DT/R
A29
LOCK
SUP
WAIT
DMA
A28
A30
BREQ
D/C
D3
D1
ONCE
NC
NC
VCC
VSS
VSS
VSS
VSS
VSS
CLKIN
CLKMODE
VSS
BOFF
STEST
NC
NC
DREQ0
DREQ2
VCC
DACK0
VCC
VCCPLL
VCC
PCLK2
PCLK1
VCC
NC
FAIL
NC
NC
NC
DREQ1
DREQ3
DACK1
DACK2
DACK3
EOP/TC0
EOP/TC2
EOP/TC3
EOP/TC1
VSS
A2
VCC
A22
A25
A20
VSS
A3
A5
NMI
VCC
VSS
VSS
VSS
VSS
VSS
A24
A31
A26
A4
VCC
A6
A8
A9
A10
A11
A12
A14
A15
A17
A18
VCC
VCC
VCC
A13
VCC
A16
A19
A21
A23
A27
A7
XINT6
XINT7
XINT4
XINT3
XINT5
XINT0
RESET
XINT2
XINT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
F_CA002A
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com