Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 25 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 21Page - Intel Corporation 80960CF-40 Datasheet HTML 22Page - Intel Corporation 80960CF-40 Datasheet HTML 23Page - Intel Corporation 80960CF-40 Datasheet HTML 24Page - Intel Corporation 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
PRELIMINARY
19
A
80960CF-40, -33, -25, -16
Figure 4. 80960CF PQFP Pinout—Top View (80960CF-33, -25, -16 Only)
50
98
99
147
148
196
Pin 1
49
F_CA004A
3.4
Package Thermal Specifications
The 80960CF is specified for operation when TC
(case temperature) is within the range of 0°C–100°C
for 33, 25, and 16 MHz and 0 °C–85°C for 40 MHz.
TC may be measured in any environment to deter-
mine whether the 80960CF is within specified oper-
ating range. Case temperature should be measured
at the center of the top surface, opposite the pins.
Refer to Figure 5.
TA (ambient temperature) is calculated from θCA
(thermal resistance from case to ambient) using the
equation:
TA = TC – P*θCA
Table 9 shows the maximum TA allowable (without
exceeding TC) at various airflows and operating
frequencies (fPCLK).
Note that TA is greatly improved by attaching fins or
a heatsink to the package. P (maximum power
consumption) is calculated by using the typical ICC
as tabulated in Section 4.4, DC Specifications and
VCC of 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com