Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 43 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 43 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 39Page - Intel Corporation 80960CF-40 Datasheet HTML 40Page - Intel Corporation 80960CF-40 Datasheet HTML 41Page - Intel Corporation 80960CF-40 Datasheet HTML 42Page - Intel Corporation 80960CF-40 Datasheet HTML 43Page - Intel Corporation 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation 80960CF-40 Datasheet HTML 46Page - Intel Corporation 80960CF-40 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
PRELIMINARY
37
A
80960CF-40, -33, -25, -16
Figure 7. AC Test Load
4.5.2
AC TIMING WAVEFORMS
Figure 8. Input and Output Clocks Waveform
Figure 9. CLKIN Waveform
Output Pin
CL = 50 pF for all signals
CL
F_CX008A
PCLK2:1
2.4 V
1.5 V
1.5 V
1.5 V
0.45 V
TCP
TPH
TPL
TPR
TPF
T
F_CX009A
CLKIN
2.0 V
1.5 V
0.8 V
TCF
TCH
TCL
TC
TCR
F_CX010A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com