Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation 80960CF-40 Datasheet HTML 13Page - Intel Corporation 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation 80960CF-40 Datasheet HTML 16Page - Intel Corporation 80960CF-40 Datasheet HTML 17Page - Intel Corporation 80960CF-40 Datasheet HTML 18Page - Intel Corporation 80960CF-40 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
PRELIMINARY
9
A
80960CF-40, -33, -25, -16
Table 3. 80960CF Pin Description — Processor Control Signals (Sheet 1 of 2)
Name
Type
Description
RESET
I
A(L)
H(Z)
R(Z)
RESET causes the chip to reset. When RESET is asserted, all external signals return
to the reset state. When RESET is deasserted, initialization begins. When the 2-x
clock mode is selected, RESET must remain asserted for 32 CLKIN cycles before
being deasserted to guarantee correct processor initialization. When the 1-x clock
mode is selected, RESET must remain asserted for 10,000 CLKIN cycles before
being deasserted to guarantee correct processor initialization. The CLKMODE pin
selects 1-x or 2-x input clock division of the CLKIN pin.
The Hold Acknowledge bus state functions while the chip is reset. If the bus is in the
Hold Acknowledge state when RESET is asserted, the processor internally resets,
but maintains the Hold Acknowledge state on external pins until the Hold request is
removed. If a Hold request is made while the processor is in the reset state, the
processor bus grants HOLDA and enters the Hold Acknowledge state.
FAIL
O
S
H(Q)
R(0)
FAIL indicates failure of the self-test performed at initialization. When RESET is
deasserted and initialization begins, the FAIL pin is asserted. An internal self-test is
performed as part of the initialization process. If this self-test passes, the FAIL pin is
deasserted; otherwise it remains asserted. The FAIL pin is reasserted while the
processor performs an external bus self-confidence test. If this self-test passes, the
processor deasserts the FAIL pin and branches to the user’s initialization routine;
otherwise the FAIL pin remains asserted. Internal self-test and the use of the FAIL pin
can be disabled with the STEST pin.
STEST
I
S(L)
H(Z)
R(Z)
SELF TEST enables or disables the internal self-test feature at initialization. STEST
is read on the rising edge of RESET. When asserted, internal self-test and external
bus confidence tests are performed during processor initialization. When deasserted,
only the bus confidence tests are performed during initialization.
ONCE
I
A(L)
H(Z)
R(Z)
ON CIRCUIT EMULATION, when asserted, causes all outputs to be floated. ONCE is
continuously sampled while RESET is low and is latched on the rising edge of
RESET. To place the processor in the ONCE state:
(1)
assert RESET and ONCE (order does not matter)
(2)
wait for at least 16 CLKIN periods in 2-x mode—or 10,000 CLKIN
periods in 1-x mode—after VCC and CLKIN are within operating
specifications
(3)
deassert RESET
(4)
wait at least 32 CLKIN periods
(The processor will now be latched in the ONCE state while RESET is high.)
To exit the ONCE state, bring VCC and CLKIN to operating conditions, then assert
RESET and bring ONCE high prior to deasserting RESET.
CLKIN must operate within the specified operating conditions until Step 4 completes.
CLKIN may then be changed to DC to achieve the lowest possible ONCE mode
leakage current.
ONCE can be used by emulator products or board testers to effectively make an
installed processor transparent in the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com