Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 48 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation 80960CF-40 Datasheet HTML 46Page - Intel Corporation 80960CF-40 Datasheet HTML 47Page - Intel Corporation 80960CF-40 Datasheet HTML 48Page - Intel Corporation 80960CF-40 Datasheet HTML 49Page - Intel Corporation 80960CF-40 Datasheet HTML 50Page - Intel Corporation 80960CF-40 Datasheet HTML 51Page - Intel Corporation 80960CF-40 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
42
PRELIMINARY
80960CF-40, -33, -25, -16
A
Figure 18. ICC vs. Frequency and Temperature—80960CF-33, -25, -16
Figure 19. ICC vs. Frequency and Temperature—80960CF-40
900
0
0
33
TC = 100° C
TC = 0° C
fPCLK (MHz)
ICC - ICC under test conditions
F_CX020A
1100
0
0
40
fPCLK (MHz)
ICC - ICC under test conditions
F_CX020A
TC
=
TC = 85° C
5.0
RESET, BACKOFF AND HOLD
ACKNOWLEDGE
Table 19 lists the condition of each processor output
pin while RESET is asserted (low). Table 20 lists the
condition of each processor output pin while HOLDA
is asserted (high).
In Table 20, with regard to bus output pin state only,
the Hold Acknowledge state takes precedence over
the reset state. Although asserting the RESET pin
internally resets the processor, the processor’s bus
output pins do not enter the reset state if Hold
Acknowledge has been granted to a previous HOLD
request
(HOLDA
is
active).
Furthermore,
the
processor grants new HOLD requests and enters the
Hold Acknowledge state even while in reset.
For example, if HOLD is asserted while HOLDA is
inactive and the processor is in the reset state, the
processor’s bus pins enter the Hold Acknowledge
state and HOLDA is granted. The processor is not
able to perform memory accesses until the HOLD
request is removed, even if the RESET pin is brought
high. This operation is provided to simplify boot-up
synchronization among multiple processors sharing
the same bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com