Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 61 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 61 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 57Page - Intel Corporation 80960CF-40 Datasheet HTML 58Page - Intel Corporation 80960CF-40 Datasheet HTML 59Page - Intel Corporation 80960CF-40 Datasheet HTML 60Page - Intel Corporation 80960CF-40 Datasheet HTML 61Page - Intel Corporation 80960CF-40 Datasheet HTML 62Page - Intel Corporation 80960CF-40 Datasheet HTML 63Page - Intel Corporation 80960CF-40 Datasheet HTML 64Page - Intel Corporation 80960CF-40 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
PRELIMINARY
55
A
80960CF-40, -33, -25, -16
Figure 32. Burst, Non-Pipelined Read Request With Wait States, 16-Bit Bus
ADS
SUP, DMA,
W/R
BLAST
DT/R
DEN
A3:2
WAIT
D31:0
PCLK
Byte
Order
Bus
Width
NWDD
NWAD
NXDA
NRDD
NRAD
Pipe-
Lining
External
Ready
Control
Burst
31-23
22
18-17
21
20-19
16-12
7-3
11-10
9-8
2
1
0
X
x
0
0
1
01
16-bit
01
X
xx
X
xxxxx
1
01
2
00010
OFF
0
Enabled
1
0
0..0
Disabled
0
A2
1
D
1
D
1
D
1
D
1
A
Function
Bit
Value
Valid
A3:2 = 00 or 10
A3:2 = 01 or 11
D15:0
A1=0
D15:0
A1=1
D15:0
A1=0
D15:0
A1=1
D/C, LOCK,
A31:4, BE3/BHE,
BE1/A1
BE0/BLE
F_CX033A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com