Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 26 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 22Page - Intel Corporation 80960CF-40 Datasheet HTML 23Page - Intel Corporation 80960CF-40 Datasheet HTML 24Page - Intel Corporation 80960CF-40 Datasheet HTML 25Page - Intel Corporation 80960CF-40 Datasheet HTML 26Page - Intel Corporation 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
20
PRELIMINARY
80960CF-40, -33, -25, -16
A
Figure 5. Measuring 80960CF PGA and PQFP Case Temperature
Table 9. Maximum TA at Various Airflows in
oC (PGA Package Only)
Airflow-ft/min (m/sec)
fPCLK
(MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
TA with Heatsink*
40
33
25
16
20
38
50
63
40
57
65
74
58
74
79
84
60
76
81
86
66
81
85
89
68
84
87
90
TA without Heatsink*
40
33
25
16
0
18
34
51
15
33
46
60
30
47
57
68
40
57
65
74
50
66
72
80
52
67
74
81
NOTES:
*0.285” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 150 mil center-to-center fin spacing).
Measure PQFP case temperature
at center of top surface.
Measure PGA temperature at
center of top surface
168 - Pin PGA
Pin 196
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com