Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 10Page - Intel Corporation 80960CF-40 Datasheet HTML 11Page - Intel Corporation 80960CF-40 Datasheet HTML 12Page - Intel Corporation 80960CF-40 Datasheet HTML 13Page - Intel Corporation 80960CF-40 Datasheet HTML 14Page - Intel Corporation 80960CF-40 Datasheet HTML 15Page - Intel Corporation 80960CF-40 Datasheet HTML 16Page - Intel Corporation 80960CF-40 Datasheet HTML 17Page - Intel Corporation 80960CF-40 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
8
PRELIMINARY
80960CF-40, -33, -25, -16
A
HOLDA
O
S
H(1)
R(Q)
HOLD ACKNOWLEDGE indicates to a bus requestor that the processor has relin-
quished control of the external bus. When HOLDA is asserted, the external address
bus, data bus and bus control signals are floated. HOLD, BOFF, HOLDA and BREQ are
used together to arbitrate access to the processor’s external bus by external bus
agents. Since the processor grants HOLD requests and enters the Hold Acknowledge
state even while RESET is asserted, the state of the HOLDA pin is independent of the
RESET pin.
BREQ
O
S
H(Q)
R(0)
BUS REQUEST is asserted when the bus controller has a request pending. BREQ can
be used by external bus arbitration logic in conjunction with HOLD and HOLDA to deter-
mine when to return mastership of the external bus to the processor.
D/C
O
S
H(Z)
R(Z)
DATA OR CODE is asserted for a data request and deasserted for instruction requests.
D/C has the same timing as W/R.
DMA
O
S
H(Z)
R(Z)
DMA ACCESS indicates whether the bus request was initiated by the DMA controller.
DMA is asserted for any DMA request. DMA is deasserted for all other requests.
SUP
O
S
H(Z)
R(Z)
SUPERVISOR ACCESS indicates whether the bus request is issued while in super-
visor mode. SUP is asserted when the request has supervisor privileges and is
deasserted otherwise. SUP can be used to isolate supervisor code and data structures
from non-supervisor requests.
Table 2. 80960CF Pin Description — External Bus Signals (Sheet 3 of 3)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com