Electronic Components Datasheet Search
  English  ▼

X  

80960CF-40 Datasheet(PDF) 31 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 31 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 27Page - Intel Corporation 80960CF-40 Datasheet HTML 28Page - Intel Corporation 80960CF-40 Datasheet HTML 29Page - Intel Corporation 80960CF-40 Datasheet HTML 30Page - Intel Corporation 80960CF-40 Datasheet HTML 31Page - Intel Corporation 80960CF-40 Datasheet HTML 32Page - Intel Corporation 80960CF-40 Datasheet HTML 33Page - Intel Corporation 80960CF-40 Datasheet HTML 34Page - Intel Corporation 80960CF-40 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
PRELIMINARY
25
A
80960CF-40, -33, -25, -16
ILI1
Input Leakage Current for each pin
except:
BTERM, ONCE, DREQ3:0, STEST,
EOP3:0/TC3:0, NMI, XINT7:0, BOFF, READY,
HOLD, CLKMODE
±15
µA
0
≤ V
IN ≤ VCC
(1)
ILI2
Input Leakage Current for:
BTERM, ONCE, DREQ3:0, STEST,
EOP3:0/TC3:0, NMI, XINT7:0, BOFF
0
– 300
µA
VIN = 0.45 V (2)
ILI3
Input Leakage Current for:
READY, HOLD, CLKMODE
0
500
µA
VIN = 2.4 V (3,7)
ILO
Output Leakage Current
±15
µA
0.45
≤ V
OUT ≤
VCC
ICC
Supply Current (80960CF-40, 33):
ICC Max
ICCTyp
1150
1000
mA
mA
(4)
(5)
ICC
Supply Current (80960CF-25):
ICC Max
ICCTyp
950
775
mA
mA
(4)
(5)
ICC
Supply Current (80960CF-16):
ICC Max
ICCTyp
750
575
mA
(4)
(5)
IONCE
ONCE-mode Supply Current
80960CF-40
80960CF-33, -25, -16
225
150
mA
CIN
Input Capacitance for: CLKIN, RESET, ONCE,
READY, HOLD, DREQ3:0, BOFF, XINT7:0, NMI,
BTERM, CLKMODE
012
pF
FC = 1 MHz
COUT
Output Capacitance of each output pin
12
pF
FC = 1 MHz (6)
CI/O
I/O Pin Capacitance
12
pF
FC = 1 MHz
Table 14. DC Characteristics (Sheet 2 of 2)
(80960CF-40, 33, -25, -16 under the conditions described in Section 4.2, Operating Conditions.)
Symbol
Parameter
Min
Max
Units
Notes
NOTES:
1. No pullup or pulldown.
2. These pins have internal pullup resistors.
3. These pins have internal pulldown resistors.
4. Measured at worst case frequency, VCC and temperature, with device operating and outputs loaded to the test conditions
described in Section 4.5.1, AC TEST CONDITIONS.
5. ICC Typical is not tested.
6. Output Capacitance is the capacitive load of a floating output.
7. CLKMODE pin has a pulldown resistor only when ONCE pin is deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com