Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 110 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 106Page - STMicroelectronics UM0434 Datasheet HTML 107Page - STMicroelectronics UM0434 Datasheet HTML 108Page - STMicroelectronics UM0434 Datasheet HTML 109Page - STMicroelectronics UM0434 Datasheet HTML 110Page - STMicroelectronics UM0434 Datasheet HTML 111Page - STMicroelectronics UM0434 Datasheet HTML 112Page - STMicroelectronics UM0434 Datasheet HTML 113Page - STMicroelectronics UM0434 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 390 page
background image
UM0434
Instruction model
111/391
Note:
Accesses that cross a translation boundary may be restarted. A misaligned access that
crosses a page boundary is restarted in its entirety in the event of a TLB miss of the second
portion of the access. This may result in the first portion being accessed twice.
Accesses that cross a translation boundary where endianness changes cause a byte-
ordering data storage interrupt.
5.7
Memory synchronization and reservation instructions
Table 103 lists the e200z3 implementation details for the memory synchronization and load
and store with reservation instructions.
5.8
Branch prediction
The e200z3 instruction fetching mechanism uses a branch target buffer (BTB), which holds
branch target addresses combined with a 2-bit saturating up-down counter scheme for
branch prediction. These bits can take four values: strongly taken, weakly taken, weakly not
taken, and strongly not taken. This mechanism is described in
Chapter 8.3.5: Change-of-
Flow instruction pipeline operation on page 213.”
Branch paths are predicted by a BTB and subsequently checked to see if the prediction was
correct. This enables operation beyond a conditional branch without waiting for the branch to
Table 103.
Memory synchronization and reservation instructions e200z3 specific details
Instruction
e200z3 implementation
msync
Provides synchronization and memory barrier functions. msync completes only after all preceding
instructions and data memory accesses complete. Subsequent instructions in the stream are not
dispatched until after the msync ensures these functions have been performed.
mbar
Behaves identically to msync; the mbar MO field is ignored by the e200z3 core.
lwarx/
stwcx.
Implemented as described in the
EREF. If the EA for either instruction is not a multiple of four, an
alignment interrupt is invoked. The e200z3 allows lwarx and stwcx. to access a page marked as
write-through required without invoking a data storage interrupt.
As Book E allows, the e200z3 does not require the EAs for a stwcx. and the preceding lwarx to be to
the same reservation granule.
Reservation granularity is implementation dependent. The e200z3 does not define a reservation
granule explicitly; it is defined by external logic. When no external logic is provided, the e200z3 does
not compare addresses; thus, the effective implementation granularity is null.
The e200z3 implements an internal status flag, HID1[ATS], which is set when an lwarx completes
without error. It remains set until it is cleared by one of the following:
–An stwcx. executes without error
– The e200z3 core
p_rsrv_clr input is asserted. See Chapter 9.”
– The reservation is invalidated when an external interrupt is signaled and HID0[ICR] is set.
The e200z3 treats lwarx and stwcx. as cache-inhibited and guarded, regardless of page attributes.
The e200z3 core input
p_xfail_b is sampled at termination of an stwcx. store transfer to allow an
external agent or mechanism to indicate that the stwcx. failed to update memory, even though a
reservation existed for the store when it was issued. This is not considered an error and causes the
condition codes for the stwcx. to be written as if it had no reservation. Also, any outstanding
reservation is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com