Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 23 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 23 Page - NEC

Back Button UPD784021 Datasheet HTML 19Page - NEC UPD784021 Datasheet HTML 20Page - NEC UPD784021 Datasheet HTML 21Page - NEC UPD784021 Datasheet HTML 22Page - NEC UPD784021 Datasheet HTML 23Page - NEC UPD784021 Datasheet HTML 24Page - NEC UPD784021 Datasheet HTML 25Page - NEC UPD784021 Datasheet HTML 26Page - NEC UPD784021 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
23
m
m
m
m
mPD784020, 784021
7.2.3
Special Function Registers (SFRs)
The special function registers are registers with special functions such as mode registers and control registers
for built-in peripheral hardware. The special function registers are mapped onto the 256-byte space between 0FF00H
and 0FFFFHNote.
Note
Applicable when the LOCATION 0 instruction is executed. FFF00H-FFFFFH when the LOCATION 0FH
instruction is executed.
Caution Never attempt to access addresses in this area where no SFR is allocated. Otherwise, the
m
m
m
m
mPD784021 may be placed in the deadlock state. The deadlock state can be cleared only by a
reset.
Table 7-1 lists the special function registers (SFRs). The titles of the table columns are explained below.
• Abbreviation ................... Symbol used to represent a built-in SFR. The abbreviations listed in the table are
reserved words for the NEC assembler (RA78K4). The C compiler (CC78K4) allows
the abbreviations to be used as sfr variables of bit type with the #pragma sfr command.
• R/W ................................. Indicates whether each SFR allows read and/or write operations.
R/W : Allows both read and write operations.
R
: Allows read operations only.
W
: Allows write operations only.
• Manipulatable bits .......... Indicates the maximum number of bits that can be manipulated whenever an SFR is
manipulated. An SFR that supports 16-bit manipulation can be described in the sfr
operand. For address specification, an even-numbered address must be speci-
fied.
An SFR that supports 1-bit manipulation can be described in a bit manipulation
instruction.
• When reset ..................... Indicates the state of each register when RESET is applied.
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com