Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 8 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 8 Page - NEC

Back Button UPD784021 Datasheet HTML 4Page - NEC UPD784021 Datasheet HTML 5Page - NEC UPD784021 Datasheet HTML 6Page - NEC UPD784021 Datasheet HTML 7Page - NEC UPD784021 Datasheet HTML 8Page - NEC UPD784021 Datasheet HTML 9Page - NEC UPD784021 Datasheet HTML 10Page - NEC UPD784021 Datasheet HTML 11Page - NEC UPD784021 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
8
m
m
m
m
mPD784020, 784021
3. PIN CONFIGURATION (TOP VIEW)
• 80-pin plastic QFP (14 ¥ 14 mm)
mPD784020GC-3B9, mPD784021GC-3B9
• 80-pin plastic TQFP (fine pitch) (12 ¥ 12 mm)
mPD784021GK-BE9
Note
Connect the TEST pin to VSS directly.
H
H
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
P74/ANI4
P73/ANI3
P72/ANI2
P71/ANI1
P70/ANI0
VDD
P17
P16
P15
P14/TXD2/SO2
P13/RXD2/SI2
P12/ASCK2/SCK2
P11/PWM1
P10/PWM0
TESTNote
VSS
ASTB
AD0
AD1
AD2
P32/SCK0
P33/SO0/SB0
P34/ TO0
P35/ TO1
P36/ TO2
P37/ TO3
RESET
VDD
X2
X1
VSS
P00
P01
P02
P03
P04
P05
P06
P07
P67/REFRQ/HLDAK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com