Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 64 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 64 Page - NEC

Back Button UPD784021 Datasheet HTML 60Page - NEC UPD784021 Datasheet HTML 61Page - NEC UPD784021 Datasheet HTML 62Page - NEC UPD784021 Datasheet HTML 63Page - NEC UPD784021 Datasheet HTML 64Page - NEC UPD784021 Datasheet HTML 65Page - NEC UPD784021 Datasheet HTML 66Page - NEC UPD784021 Datasheet HTML 67Page - NEC UPD784021 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
64
m
m
m
m
mPD784020, 784021
DC CHARACTERISTICS (TA = –40 to +85 °C, VDD = AVDD = 2.7 to 5.5 V, VSS = AVSS = 0 V) (2/2)
Parameter
Input leakage current
Output leakage current
VDD supply current
Pull-up resistance
Symbol
ILI
ILO
IDD1
IDD2
IDD3
RL
Unit
mA
mA
mA
mA
mA
mA
mA
mA
mA
k
W
k
W
Min.
15
15
Typ.
40
12
22
8
Max.
±10
±3
±10
60
25
30
12
12
8
100
160
Conditions
0 V
£ VI £ VDD
Except for the X1 pin when EXTC = 0
0 V
£ VI £ VDD
Analog input pins
0 V
£ VO £ VDD
Operating mode
fXX = 25 MHz
fXX = 16 MHz
VDD = 2.7 to 5.5 V
HALT mode
fXX = 25 MHz
fXX = 16 MHz
VDD = 2.7 to 5.5 V
IDLE mode
fXX = 25 MHz
(EXTC = 0)
fXX = 16 MHz
VDD = 2.7 to 5.5 V
VI = 0 V
VDD = +5.0 V
±10 %
VI = 0 V
VDD = 2.7 to 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com