Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 1 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 1 Page - NEC

  UPD784021 Datasheet HTML 1Page - NEC UPD784021 Datasheet HTML 2Page - NEC UPD784021 Datasheet HTML 3Page - NEC UPD784021 Datasheet HTML 4Page - NEC UPD784021 Datasheet HTML 5Page - NEC UPD784021 Datasheet HTML 6Page - NEC UPD784021 Datasheet HTML 7Page - NEC UPD784021 Datasheet HTML 8Page - NEC UPD784021 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
MOS INTEGRATED CIRCUIT
m
m
m
m
mPD784020, 784021
Document No.
U11514EJ1V0DS00 (1st edition)
(Previous No.
IP-3234)
Date Published
July 1996 P
Printed in Japan
16/8-BIT SINGLE-CHIP MICROCOMPUTER
The
mPD784021 is a product of the mPD784026 sub-series in the 78K/IV series. It contains various peripheral
hardware such as RAM, I/O ports, 8-bit resolution A/D and D/A converters, timers, serial interface, and interrupt
functions, as well as a high-speed, high-performance CPU.
The
mPD784021 is a ROM-less product of the mPD784025 or mPD784026.
The
mPD784020 differs from the mPD784021 only in its RAM size: 512 bytes are allocated for the mPD784020,
while 2048 bytes are allocated for the
mPD784021.
For specific functions and other detailed information, consult the following user’s manual.
This manual is required reading for design work.
mPD784026 Sub-Series User’s Manual, Hardware :
U10898E
78K/IV Series User’s Manual, Instruction
: U10905E
FEATURES
• 78K/IV series
• Pin-compatible with the mPD78234 sub-series
• Minimum instruction execution time: 160 ns
(at 25 MHz)
• Number of I/O ports: 46
• Timer/counters: 16-bit timer/counter ¥ 3 units
16-bit timer
¥ 1 unit
• Serial interface: 3 channels
UART/IOE (3-wire serial I/O)
:2 channels
CSI (3-wire serial I/O, SBI) : 1 channel
APPLICATIONS
LBP, automatic-focusing camera, PPC, printer, electronic typewriter, air conditioner, electronic musical instru-
ments, cellular telephone, etc.
This manual describes the
m
m
m
m
mPD784021 unless otherwise specified.
DATA SHEET
©
1990
1996
• PWM outputs: 2
• Standby function
HALT/STOP/IDLE mode
• Clock frequency division function
• Watchdog timer : 1 channel
• A/D converter : 8-bit resolution ¥ 8 channels
• D/A converter : 8-bit resolution ¥ 2 channels
• Supply voltage : VDD = 2.7 to 5.5 V
The information in this document is subject to change without notice.
The mark H shows major revised points.


Similar Part No. - UPD784021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD784021 RENESAS-UPD784021 Datasheet
619Kb / 92P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD784021

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78P368A NEC-UPD78P368A Datasheet
545Kb / 52P
16/8 BIT SINGLE-CHIP MICROCOMPUTER
UPD78330 NEC-UPD78330 Datasheet
6Mb / 119P
16/8 Bit Single-Chip Microcomputer
UPD78312A NEC-UPD78312A Datasheet
5Mb / 103P
16/8 BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
16-Bit Single-Chip Microcomputer
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
16-Bit Single-Chip Microcomputer
H8-3052B RENESAS-H8-3052B Datasheet
5Mb / 845P
16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
16-BIT SINGLE-CHIP MICROCOMPUTER
7905 RENESAS-7905 Datasheet
3Mb / 565P
16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com