Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 2 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 2 Page - NEC

  UPD784021 Datasheet HTML 1Page - NEC UPD784021 Datasheet HTML 2Page - NEC UPD784021 Datasheet HTML 3Page - NEC UPD784021 Datasheet HTML 4Page - NEC UPD784021 Datasheet HTML 5Page - NEC UPD784021 Datasheet HTML 6Page - NEC UPD784021 Datasheet HTML 7Page - NEC UPD784021 Datasheet HTML 8Page - NEC UPD784021 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
2
m
m
m
m
mPD784020, 784021
ORDERING INFORMATION
Part number
Package
Internal ROM
Internal RAM
(bytes)
(bytes)
mPD784020GC-3B9
80-pin plastic QFP (14
¥ 14 mm)
None
512
mPD784021GC-3B9
80-pin plastic QFP (14
¥ 14 mm)
None
2048
mPD784021GK-BE9
80-pin plastic TQFP (fine pitch) (12
¥ 12 mm)
None
2048
78K/IV SERIES PRODUCT DEVELOPMENT DIAGRAM
: Product under mass production
: Product under development
: Product under planning
Standard Products Development
ASSP Development
H
H
PD784943 sub-series
PD784908 sub-series
µ
VTR servo, 100-pin, built-in
analog amplifier
ROM: 48K/62K
PD784915 sub-series
µ
100-pin, built-in IEBusTM
ROM: 96K/128K
µ
80-pin, for CD-ROM
ROM: 56K
PD784054
80-pin, 8-bit A/D, 8-bit D/A
ROM: none/48K/64K
µ
µ
µ
µ
µ
µ
µ
Product containing for
an I2C bus interface circuit
80-pin, 8-bit A/D, 8-bit D/A
ROM: 48K/64K/96K/128K
Product containing for
two I2C bus interface circuits
100-pin, 8-bit A/D, 8-bit D/A
ROM: 96K/128K
80-pin, 10-bit A/D
ROM: 32K
PD784046 sub-series sub-set
PD784026 sub-series
PD784216 sub-series
µ
80-pin, 10-bit A/D
ROM: 32K/64K
PD784046 sub-series
PD784216Y sub-series
PD784038 sub-series
PD784038Y sub-series
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com