Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 53 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 53 Page - NEC

Back Button UPD784021 Datasheet HTML 49Page - NEC UPD784021 Datasheet HTML 50Page - NEC UPD784021 Datasheet HTML 51Page - NEC UPD784021 Datasheet HTML 52Page - NEC UPD784021 Datasheet HTML 53Page - NEC UPD784021 Datasheet HTML 54Page - NEC UPD784021 Datasheet HTML 55Page - NEC UPD784021 Datasheet HTML 56Page - NEC UPD784021 Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
53
m
m
m
m
mPD784020, 784021
12. RESET FUNCTION
Applying a low-level signal to the RESET pin initializes the internal hardware (reset status).
When the RESET input makes a low-to-high transition, the following data is loaded into the program counter (PC):
• Eight low-order bits of the PC
: Contents of location at address 0000H
• Intermediate eight bits of the PC : Contents of location at address 0001H
• Four high-order bits of the PC
: 0
The PC contents are used as a branch destination address. Program execution starts from that address. Therefore,
a reset start can be performed from an arbitrary address.
The contents of each register can be set by software, as required.
The RESET input circuit contains a noise eliminator to prevent malfunctions caused by noise. This noise eliminator
is an analog delay sampling circuit.
Fig. 12-1 Accepting a Reset
For power-on reset, the RESET signal must be held active until the oscillation settling time (approximately 40 ms)
has elapsed.
Fig. 12-2 Power-On Reset
RESET
(input)
Delay
Delay
Delay
Initialize PC
Execute instruction
at reset start address
Internal reset signal
Start reset
End reset
Oscillation settling time
Delay
Initialize PC
Execute instruction at
reset start address
RESET
(input)
Internal reset signal
End reset
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com