Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 72 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 72 Page - NEC

Back Button UPD784021 Datasheet HTML 68Page - NEC UPD784021 Datasheet HTML 69Page - NEC UPD784021 Datasheet HTML 70Page - NEC UPD784021 Datasheet HTML 71Page - NEC UPD784021 Datasheet HTML 72Page - NEC UPD784021 Datasheet HTML 73Page - NEC UPD784021 Datasheet HTML 74Page - NEC UPD784021 Datasheet HTML 75Page - NEC UPD784021 Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
72
m
m
m
m
mPD784020, 784021
DATA RETENTION CHARACTERISTICS (TA = –40 to +85 °C)
Notes 1. When the input voltage for the pins described in Note 2 satisfies the VIL and VIH conditions in the above
table
2. Pins RESET, P20/NMI, P21/INTP0, P22/INTP1, P23/INTP2/CI, P24/INTP3, P25/INTP4/ASCK/SCK1,
P26/INTP5, P27/SI0, P32/SCK0, and P33/SO0/SB0
AC Timing Test Points
Parameter
Data retention voltage
Data retention current
VDD rising time
VDD falling time
VDD retention time
(referred to STOP mode setting)
STOP release signal input time
Oscillation settling time
Low-level input voltage
High-level input voltage
Symbol
VDDDR
IDDDR
tRVD
tFVD
tHVD
tDREL
tWAIT
VIL
VIH
Unit
V
mA
mA
ms
ms
ms
ms
ms
ms
V
V
Min.
2.5
200
200
0
0
30
5
0
0.9VDDDR
Typ.
10
2
Max.
5.5
50
10
0.1VDDDR
VDDDR
Conditions
STOP mode
VDDDR = 2.5 to 5.5 VNote 1
VDDDR = 2.5 VNote 1
Crystal
Ceramic resonator
Specified pinsNote 2
VDD – 1 V
0.45 V
0.8VDD or 2.2 V
0.8 V
Test points
0.8VDD or 2.2 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com