Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 44 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 44 Page - NEC

Back Button UPD784021 Datasheet HTML 40Page - NEC UPD784021 Datasheet HTML 41Page - NEC UPD784021 Datasheet HTML 42Page - NEC UPD784021 Datasheet HTML 43Page - NEC UPD784021 Datasheet HTML 44Page - NEC UPD784021 Datasheet HTML 45Page - NEC UPD784021 Datasheet HTML 46Page - NEC UPD784021 Datasheet HTML 47Page - NEC UPD784021 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
44
m
m
m
m
mPD784020, 784021
Table 9-2 Interrupt Sources
Remark ASI: Asynchronous serial interface
CSI: Synchronous serial interface
H
Type
Default
Source
Internal/
Macro
priority
Name
Trigger
external
service
Software
–
BRK instruction
Instruction execution
–
–
Operand error
When the MOV STBC,#byte or MOV WDM,#byte instruction is
executed, exclusive OR of the byte operand and byte does not
produce FFH.
Nonmaskable
–
NMI
Detection of edge input on the pin
External
–
WDT
Watchdog timer overflow
Internal
Maskable
0 (highest)
INTP0
Detection of edge input on the pin (TM1/TM1W capture trigger)
External
Enabled
1
INTP1
Detection of edge input on the pin (TM2/TM2W capture trigger)
2
INTP2
Detection of edge input on the pin (TM2/TM2W event counter input)
3
INTP3
Detection of edge input on the pin (TM0 capture trigger)
4
INTC00
TM0-CR00 match signal issued
Internal
Enabled
5
INTC01
TM0-CR01 match signal issued
6
INTC10
TM1-CR10 match signal issued (in 8-bit operation mode)
TM1W-CR10W match signal issued (in 16-bit operation mode)
7
INTC11
TM1-CR11 match signal issued (in 8-bit operation mode)
TM1W-CR11W match signal issued (in 16-bit operation mode)
8
INTC20
TM2-CR20 match signal issued (in 8-bit operation mode)
TM2W-CR20W match signal issued (in 16-bit operation mode)
9
INTC21
TM2-CR21 match signal issued (in 8-bit operation mode)
TM2W-CR21W match signal issued (in 16-bit operation mode)
10
INTC30
TM3-CR30 match signal issued (in 8-bit operation mode)
TM3W-CR30W match signal issued (in 16-bit operation mode)
11
INTP4
Detection of edge input on the pin
External
Enabled
12
INTP5
Detection of edge input on the pin
13
INTAD
A/D converter processing completed (ADCR transfer)
Internal
Enabled
14
INTSER
ASI0 reception error
–
15
INTSR
ASI0 reception completed or CSI1 transfer completed
Enabled
INTCSI1
16
INTST
ASI0 transmission completed
17
INTCSI
CSI0 transfer completed
18
INTSER2
ASI2 reception error
–
19
INTSR2
ASI2 reception completed or CSI2 transfer completed
Enabled
INTCSI2
20 (lowest)
INTST2
ASI2 transmission completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com