Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 69 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 69 Page - NEC

Back Button UPD784021 Datasheet HTML 65Page - NEC UPD784021 Datasheet HTML 66Page - NEC UPD784021 Datasheet HTML 67Page - NEC UPD784021 Datasheet HTML 68Page - NEC UPD784021 Datasheet HTML 69Page - NEC UPD784021 Datasheet HTML 70Page - NEC UPD784021 Datasheet HTML 71Page - NEC UPD784021 Datasheet HTML 72Page - NEC UPD784021 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
69
m
m
m
m
mPD784020, 784021
SERIAL OPERATION (IOE1, IOE2)
Remarks 1. The values listed in the above table are obtained when CL = 100 pF.
2. T: Serial clock frequency specified using software. The minimum value is 16/fXX.
SERIAL OPERATION (UART, UART2)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
250
500
T
85
210
0.5T – 40
85
210
0.5T – 40
40
40
0
0.5TCYSK1 – 40
Max.
50
Conditions
Input
VDD = +5.0 V
±10 %
Output
Internal clock divided by 16
Input
VDD = +5.0 V
±10 %
Output
Internal clock divided by 16
Input
VDD = +5.0 V
±10 %
Output
Internal clock divided by 16
During data transfer
Symbol
tCYSK1
tWSKL1
tWSKH1
tSSSK1
tHSSK1
tDSOSK
tHSOSK
Parameter
Serial clock cycle time
(SCK1, SCK2)
Serial clock low-level width
(SCK1, SCK2)
Serial clock high-level width
(SCK1, SCK2)
SI1, SI2 setup time
(referred to SCK1, SCK2
•)
SI1, SI2 hold time
(referred to SCK1, SCK2
•)
SO1, SO2 output delay time
(referred to SCK1, SCK2
Ø)
SO1, SO2 output hold time
(referred to SCK1, SCK2
•)
Parameter
ASCK clock input cycle time
ASCK clock low-level width
ASCK clock high-level width
Symbol
tCYASK
tWASKL
tWASKH
Unit
ns
ns
ns
ns
ns
ns
Min.
125
250
52.5
85
52.5
85
Max.
Conditions
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com