Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 29 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 29 Page - NEC

Back Button UPD784021 Datasheet HTML 25Page - NEC UPD784021 Datasheet HTML 26Page - NEC UPD784021 Datasheet HTML 27Page - NEC UPD784021 Datasheet HTML 28Page - NEC UPD784021 Datasheet HTML 29Page - NEC UPD784021 Datasheet HTML 30Page - NEC UPD784021 Datasheet HTML 31Page - NEC UPD784021 Datasheet HTML 32Page - NEC UPD784021 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
29
m
m
m
m
mPD784020, 784021
Table 8-1 Port Functions
8.2
CLOCK GENERATOR
A circuit for generating the clock signal required for operation is provided. The clock generator includes a frequency
divider; low current consumption can be achieved by operating at a lower internal frequency when high-speed
operation is not necessary.
Fig. 8-2 Block Diagram of Clock Generator
Remark fXX : Oscillator frequency or external clock input
fCLK: Internal operating frequency
Port name
Pin
Function
Pull-up specification by software
Port 0
P00-P07
• Bit-by-bit input/output setting supported
Specified as a batch for all pins placed in
• Operable as 4-bit real-time outputs
input mode.
(P00-P03, P04-P07)
• Capable of driving transistors
Port 1
P10-P17
• Bit-by-bit input/output setting supported
Specified as a batch for all pins placed in
• Capable of driving LEDs
input mode.
Port 2
P20-P27
• Input port
Specified for the 6 bits (P22-P27) as a batch.
Port 3
P30-P37
• Bit-by-bit input/output setting supported
Specified as a batch for all pins placed in
input mode.
Port 6
P60-P63
• Output-only port
P66, P67
• Bit-by-bit input/output setting supported
Port 7
P70-P77
• Bit-by-bit input/output setting supported
—
Specified as a batch for all pins placed in
input mode.
X1
X2
fXX/2
fXX
fCLK
CPU
Peripheral circuits
Oscillator
UART/IOE
INTP0 noise eliminator
Oscillation settling timer
1/2
1/2
1/2
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com