| Electronic Components Datasheet Search |
|
UPD784021 Datasheet(PDF) 12 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD784021 Datasheet(HTML) 12 Page - NEC |
|
12 / 90 page ![]() 12 m m m m mPD784020, 784021 6. LIST OF PIN FUNCTIONS 6.1 PORT PINS Function Port 0 (P0): Ý 8-bit I/O port Ý Functions as a real-time output port (4 bits ¥ 2). Ý Inputs and outputs can be specified bit by bit. Ý The use of the pull-up resistors can be specified by software for the pins in the input mode together. Ý Can drive a transistor. Port 1 (P1): Ý 8-bit I/O port Ý Inputs and outputs can be specified bit by bit. Ý The use of the pull-up resistors can be specified by software for the pins in the input mode together. Ý Can drive LED. Port 2 (P2): Ý 8-bit input-only port Ý P20 does not function as a general-purpose port (nonmaskable inter- rupt). However, the input level can be checked by an interrupt service routine. Ý The use of the pull-up resistors can be specified by software for pins P22 to P27 (in units of 6 bits). Ý The P25/INTP4/ASCK/SCK1 pin functions as the SCK1 output pin by CSIM1. Port 3 (P3): Ý 8-bit I/O port Ý Inputs and outputs can be specified bit by bit. Ý The use of the pull-up resistors can be specified by software for the pins in the input mode together. Port 6 (P6): Ý P60 to P63 are an output-only port. Ý Inputs and outputs can be specified bit by bit for pins P66 and P67. Ý The use of the pull-up resistors can be specified by software for the pins in the input mode together. Port 7 (P7): Ý 8-bit I/O port Ý Inputs and outputs can be specified bit by bit. I/O I/O I/O Input I/O I/O I/O Pin P00-P07 P10 P11 P12 P13 P14 P15-P17 P20 P21 P22 P23 P24 P25 P26 P27 P30 P31 P32 P33 P34-P37 P60-P63 P66 P67 P70-P77 Dual-function — PWM0 PWM1 ASCK2/SCK2 RxD2/SI2 TxD2/SO2 — NMI INTP0 INTP1 INTP2/CI INTP3 INTP4/ASCK/SCK1 INTP5 SI0 RxD/SI1 TxD/SO1 SCK0 SO0/SB0 TO0-TO3 A16-A19 WAIT/HLDRQ REFRQ/HLDAK ANI0-ANI7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |