Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 65 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 65 Page - NEC

Back Button UPD784021 Datasheet HTML 61Page - NEC UPD784021 Datasheet HTML 62Page - NEC UPD784021 Datasheet HTML 63Page - NEC UPD784021 Datasheet HTML 64Page - NEC UPD784021 Datasheet HTML 65Page - NEC UPD784021 Datasheet HTML 66Page - NEC UPD784021 Datasheet HTML 67Page - NEC UPD784021 Datasheet HTML 68Page - NEC UPD784021 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
65
m
m
m
m
mPD784020, 784021
AC CHARACTERISTICS (TA = –40 to +85 °C, VDD = AVDD = 2.7 to 5.5 V, VSS = AVSS = 0 V)
(1) Read/write operation (1/2)
Remark
T: TCYK (system clock cycle time)
a: 1 when address wait is applied, 0 in other cases
n: number of wait cycles (n
• 0)
Parameter
Address setup time
ASTB high-level width
Address hold time
(referred to ASTB
Ø)
Address hold time
(referred to RD
•)
Address
Æ RDØ delay time
Address float time
(referred to RD
Ø)
Address
Æ data input time
ASTB
Ø Æ data input time
RD
Ø Æ data input time
ASTB
Ø Æ RDØ delay time
Data hold time
(referred to RD
•)
RD
• Æ address active time
RD
• Æ ASTB• delay time
RD low-level width
Address hold time
(referred to WR
•)
Address
Æ WRØ delay time
ASTB
Ø Æ data output delay time
ASTB
Ø Æ data output time
ASTB
Ø Æ WRØ output delay time
Symbol
tSAST
tWSTH
tHSTLA
tHRA
tDAR
tFRA
tDAID
tDSTID
tDRID
tDSTR
tHRID
tDRA
tDRST
tWRL
tHWA
tDAW
tDSTOD
tDWOD
tDSTW
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
(0.5 + a) T – 11
(0.5 + a) T – 15
(0.5 + a) T – 17
(0.5 + a) T – 40
0.5T – 24
0.5T – 34
0.5T – 14
(1 + a) T – 5
(1 + a) T – 10
0.5T – 9
0
0.5T – 2
0.5T – 12
1.5T – 2
1.5T – 12
0.5T – 9
(1.5 + n) T – 30
(1.5 + n) T – 40
0.5T – 14
(1 + a) T – 5
(1 + a) T – 10
0.5T – 9
Max.
0
(2.5 + a + n) T – 37
(2.5 + a + n) T – 52
(2 + n) T – 40
(2 + n) T – 60
(1.5 + n) T – 50
(1.5 + n) T – 70
0.5T + 15
0.5T + 20
0.5T – 11
Conditions
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
Upon program
VDD = +5.0 V
±10 %
read
Upon data read
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %
VDD = +5.0 V
±10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com