Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 82 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 82 Page - NEC

Back Button UPD784021 Datasheet HTML 78Page - NEC UPD784021 Datasheet HTML 79Page - NEC UPD784021 Datasheet HTML 80Page - NEC UPD784021 Datasheet HTML 81Page - NEC UPD784021 Datasheet HTML 82Page - NEC UPD784021 Datasheet HTML 83Page - NEC UPD784021 Datasheet HTML 84Page - NEC UPD784021 Datasheet HTML 85Page - NEC UPD784021 Datasheet HTML 86Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
82
m
m
m
m
mPD784020, 784021
16. RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the
mPD784021.
For details of the recommended soldering conditions, refer to our document
SMD Surface Mount Technology
Manual (C10535E).
Please consult with our sales offices in case any other soldering process is used, or in case soldering is done under
different conditions.
Table 16-1 Soldering Conditions for Surface-Mount Devices
(1)
m
m
m
m
mPD784020GC-3B9 : 80-pin plastic QFP (14 ¥ 14 mm)
m
m
m
m
mPD784021GC-3B9 : 80-pin plastic QFP (14 ¥
¥
¥
¥
¥ 14 mm)
(2)
m
m
m
m
mPD784021GK-BE9: 80-pin plastic TQFP (fine pitch) (12 ¥ 12 mm)
Note
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: Temperature of 25 ½C and maximum relative humidity at 65 % or less
Caution Do not apply more than a single process at once, except for “Partial heating method.”
H
Soldering conditions
Peak package’s surface temperature: 235 ½C
Reflow time: 30 seconds or less (at 210 ½C or more)
Maximum allowable number of reflow processes: 3
Peak package’s surface temperature: 215 ½C
Reflow time: 40 seconds or less (at 210 ½C or more)
Maximum allowable number of reflow processes: 3
Solder temperature: 260 ½C or less
Flow time: 10 seconds or less
Number of flow process: 1
Preheating temperature: 120 ½C max. (measured on the package
surface)
Terminal temperature: 300 ½C or less
Flow time: 3 seconds or less (for each side of device)
Symbol
IR35-00-3
VP15-00-3
WS60-00-1
–
Soldering process
Infrared ray reflow
VPS
Wave soldering
Partial heating method
Soldering conditions
Peak package’s surface temperature: 235 ½C
Reflow time: 30 seconds or less (at 210 ½C or more)
Maximum allowable number of reflow processes: 2
Exposure limitNote:
7 days (10 hours of pre-baking is required at
125 ½C afterward.)
<Cautions>
Non-heat resistant trays, such as magazine and taping trays, cannot
be baked before unpacking.
Peak package’s surface temperature: 215 ½C
Reflow time: 40 seconds or less (at 200 ½C or more)
Maximum allowable number of reflow processes: 2
Exposure limitNote:
7 days (10 hours of pre-baking is required at
125 ½C afterward.)
<Cautions>
Non-heat resistant trays, such as magazine and taping trays, cannot
be baked before unpacking.
Terminal temperature: 300 ½C or less
Flow time: 3 seconds or less (for each side of device)
Symbol
IR35-107-2
VP15-107-2
–
Soldering process
Infrared ray reflow
VPS
Partial heating method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com