Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 70 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 70 Page - NEC

Back Button UPD784021 Datasheet HTML 66Page - NEC UPD784021 Datasheet HTML 67Page - NEC UPD784021 Datasheet HTML 68Page - NEC UPD784021 Datasheet HTML 69Page - NEC UPD784021 Datasheet HTML 70Page - NEC UPD784021 Datasheet HTML 71Page - NEC UPD784021 Datasheet HTML 72Page - NEC UPD784021 Datasheet HTML 73Page - NEC UPD784021 Datasheet HTML 74Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
70
m
m
m
m
mPD784020, 784021
OTHER OPERATIONS
Remark tCYSMP: sampling clock specified using software
tCYCPU: CPU operating clock specified using CPU software
A/D CONVERTER CHARACTERISTICS (TA = –40 to +85 °C, VDD = AVDD = 3.4 to 5.5 V, +3.4 V
£ AVREF1 £ AVDD,
VSS = AVSS = 0 V)
Note
Quantization error is excluded. The error is represented in percent with respect to a full-scale value.
Remark tCYK: system clock cycle time
Parameter
NMI low-level width
NMI high-level width
INTP0 low-level width
INTP0 high-level width
INTP1-INTP3 and CI low-
level width
INTP1-INTP3 and CI high-
level width
INTP4 and INTP5 low-level
width
INTP4 and INTP5 high-level
width
RESET low-level width
RESET high-level width
Symbol
tWNIL
tWNIH
tWIT0L
tWIT0H
tWIT1L
tWIT1H
tWIT2L
tWIT2H
tWRSL
tWRSH
Unit
ms
ms
ns
ns
ns
ns
ms
ms
ms
ms
Min.
10
10
3tCYSMP + 10
3tCYSMP + 10
3tCYCPU + 10
3tCYCPU + 10
10
10
10
10
Max.
Conditions
Parameter
Resolution
Total errorNote
Linearity calibrationNote
Quantization error
Conversion time
Sampling time
Analog input voltage
Analog input impedance
AVREF1 current
AVDD supply current
Symbol
tCONV
tSAMP
VIAN
RAN
AIREF1
AIDD1
AIDD2
Unit
bit
%
%
%
%
LSB
tCYK
tCYK
tCYK
tCYK
V
M
W
mA
mA
mA
Min.
8
120
180
24
36
–0.3
Typ.
1000
0.5
2.0
Max.
1.2
1.0
1.0
0.6
±1/2
AVREF1 + 0.3
1.5
5.0
20
Conditions
VDD = AVDD = +5.0 V
±10 %
+3.4 V
£ AVREF1 £ AVDD
+2.7 V
£ VDD = AVDD £ +3.3 V
+2.5 V
£ AVREF1 £ AVDD
tCYK
£ 500 ns, FR = 1
tCYK
£ 500 ns, FR = 0
tCYK
£ 500 ns, FR = 1
tCYK
£ 500 ns, FR = 0
fXX = 25 MHz
STOP mode, CS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com