Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 63 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 63 Page - NEC

Back Button UPD784021 Datasheet HTML 59Page - NEC UPD784021 Datasheet HTML 60Page - NEC UPD784021 Datasheet HTML 61Page - NEC UPD784021 Datasheet HTML 62Page - NEC UPD784021 Datasheet HTML 63Page - NEC UPD784021 Datasheet HTML 64Page - NEC UPD784021 Datasheet HTML 65Page - NEC UPD784021 Datasheet HTML 66Page - NEC UPD784021 Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
63
m
m
m
m
mPD784020, 784021
DC CHARACTERISTICS (TA = –40 to +85 °C, VDD = AVDD = 2.7 to 5.5 V, VSS = AVSS = 0 V) (1/2)
Notes 1. X1, X2, RESET, P12/ASCK2/SCK2, P13/RxD2/SI2, P20/NMI, P21/INTP0, P22/INTP1, P23/INTP2/CI,
P24/INTP3, P25/INTP4/ASCK/SCK1, P26/INTP5, P27/SI0, P30/RxD/SI1, P32/SCK0, P33/SO0/SB0,
and TEST
2. AD0 to AD7 and A8 to A15
3. P60/A16 to P63/A19, RD, WR, P66/WAIT/HLDRQ, and P67/REFRQ/HLDAK
4. P00 to P07
5. P10 to P17
Parameter
Low-level input voltage
High-level input voltage
Low-level output voltage
High-level output voltage
X1 low-level input current
X1 high-level input current
Symbol
VIL1
VIL2
VIL3
VIH1
VIH2
VIH3
VOL1
VOL2
VOH1
VOH2
IIL
IIH
Conditions
Pins other than those described in
Notes 1, 2, 3, and 4
Pins described in Notes 1, 2, 3, and 4
VDD = +5.0 V
±10 %
Pins described in Notes 2, 3, and 4
Pins other than those described in Note 1
Pins described in Note 1
VDD = +5.0 V
±10 %
Pins described in Notes 2, 3, and 4
IOL = 2 mA
VDD = +5.0 V
±10 %
IOL = 8 mA
Pins described in Notes 2 and 5
IOH = –2 mA
VDD = +5.0 V
±10 %
IOH = –5 mA
Pins described in Note 4
0 V
£ VI £ VIL2
VIH2
£ VI £ VDD
Unit
V
V
V
V
V
V
V
V
V
V
mA
mA
Min.
–0.3
–0.3
–0.3
0.7VDD
0.8VDD
2.2
VDD – 1.0
2.0
Typ.
Max.
0.3VDD
0.2VDD
+0.8
VDD + 0.3
VDD + 0.3
VDD + 0.3
0.4
1.0
–30
+30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com