Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 16 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 16 Page - NEC

Back Button UPD784021 Datasheet HTML 12Page - NEC UPD784021 Datasheet HTML 13Page - NEC UPD784021 Datasheet HTML 14Page - NEC UPD784021 Datasheet HTML 15Page - NEC UPD784021 Datasheet HTML 16Page - NEC UPD784021 Datasheet HTML 17Page - NEC UPD784021 Datasheet HTML 18Page - NEC UPD784021 Datasheet HTML 19Page - NEC UPD784021 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
16
m
m
m
m
mPD784020, 784021
Table 6-1 Types of I/O Circuits for Pins and Handling of Unused Pins (2/2)
Pin
I/O circuit type
I/O
Recommended connection method for unused pins
RESET
2
Input
—
TEST
1
To be connected to VSS directly
AVREF1-AVREF3
—
To be connected to VSS
AVSS
AVDD
To be connected to VDD
Caution When the I/O mode of an I/O dual-function pin is unpredictable, connect the pin to VDD through
a resistor of 10 to 100 kilohms (particularly when the voltage of the reset input pin becomes higher
than that of the low level input at power-on or when I/O is switched by software).
Remark Since type numbers are consistent in the 78K series, those numbers are not always serial in each product.
(Some circuits are not included.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com