Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 21 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 21 Page - NEC

Back Button UPD784021 Datasheet HTML 17Page - NEC UPD784021 Datasheet HTML 18Page - NEC UPD784021 Datasheet HTML 19Page - NEC UPD784021 Datasheet HTML 20Page - NEC UPD784021 Datasheet HTML 21Page - NEC UPD784021 Datasheet HTML 22Page - NEC UPD784021 Datasheet HTML 23Page - NEC UPD784021 Datasheet HTML 24Page - NEC UPD784021 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
21
m
m
m
m
mPD784020, 784021
7.2
CPU REGISTERS
7.2.1
General-Purpose Registers
A set of general-purpose registers consists of sixteen general-purpose 8-bit registers. Two 8-bit general-purpose
registers can be combined to form a 16-bit general-purpose register. Moreover, four 16-bit general-purpose registers,
when combined with an 8-bit register for address extension, can be used as 24-bit address specification registers.
Eight banks of this register set are provided. The user can switch between banks by software or the context
switching function.
General-purpose registers other than the V, U, T, and W registers used for address extension are mapped onto
internal RAM.
Fig. 7-3 General-Purpose Register Format
Caution By setting the RSS bit of PSW to 1, R4, R5, R6, R7, RP2, and RP3 can be used as the X, A, C, B,
AX, and BC registers, respectively. However, this function must be used only when using
programs for the 78K/III series.
A (R1)
X (R0)
B (R3)
C (R2)
R5
R4
R7
R6
R9
R8
R11
R10
D (R13)
E (R12)
H (R15)
V
U
T
W
L (R14)
AX (RP0)
BC (RP1)
RP2
RP3
VP (RP4)
UP (RP5)
DE (RP6)
HL (RP7)
VVP (RG4)
UUP (RG5)
TDE (RG6)
WHL (RG7)
The character strings enclosed in
parentheses represent absolute names.
8 banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com