Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 7 Page - NEC

Part # UPD784021
Description  16/8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD784021 Datasheet(HTML) 7 Page - NEC

Back Button UPD784021 Datasheet HTML 3Page - NEC UPD784021 Datasheet HTML 4Page - NEC UPD784021 Datasheet HTML 5Page - NEC UPD784021 Datasheet HTML 6Page - NEC UPD784021 Datasheet HTML 7Page - NEC UPD784021 Datasheet HTML 8Page - NEC UPD784021 Datasheet HTML 9Page - NEC UPD784021 Datasheet HTML 10Page - NEC UPD784021 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
7
m
m
m
m
mPD784020, 784021
2. MAIN DIFFERENCES BETWEEN
m
m
m
m
mPD784026 AND m
m
m
m
mPD78234 SUB-SERIES
Series
mPD784026 sub-series
mPD78234 sub-series
Item
Number of basic instructions
113
65
(mnemonics)
Minimum instruction execution
160 ns
333 ns
time
(at 25 MHz)
(at 12 MHz)
Memory space (program/data)
1M byte in total
64K bytes/1M byte
Timer/counter
16-bit timer/counter
¥ 1
16-bit timer/counter
¥ 1
8/16-bit timer/counter
¥ 2
8-bit timer/counter
¥ 2
8/16-bit timer
¥ 1
8-bit timer
¥ 1
Clock output function
Available
Unavailable
Watchdog timer
Available
Unavailable
Serial interface
UART/IOE (3-wire serial I/O)
¥ 2 channels
UART
¥ 1 channel
CSI (3-wire serial I/O, SBI)
¥ 1 channel
CSI (3-wire serial I/O, SBI)
¥ 1 channel
Interrupt
Context switching
Available
Unavailable
Priority
4 levels
2 levels
Standby function
3 modes (HALT, STOP, IDLE)
2 modes (HALT, STOP)
Operation clock switching
Selectable from fXX/2, fXX/4, fXX/8, or fXX/16
Fixed to fXX/2
Pin
MODE pin
Unavailable
To specify ROM-less mode
functions
(always in the high level for the
mPD78233
or
mPD78237)
TEST pin
Pin for testing the device
Unavailable
Low level during ordinary use
Package
80-pin plastic QFP (14
¥ 14 mm)
80-pin plastic QFP (14
¥ 14 mm)
80-pin plastic TQFP (fine pitch)
94-pin plastic QFP (20
¥ 20 mm)
(12
¥ 12 mm): for the
mPD784021 only
84-pin plastic QFJ (1150
¥ 1150 mil)
80-pin ceramic WQFN (14
¥ 14 mm):
94-pin ceramic WQFN (20
¥ 20 mm):
for the
mPD78P4026 only
for the
mPD78P238 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com