Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 113 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 113 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 121 page
background image
113
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
CPU Mode Register
Address 00FB16
b7 b6 b5 b4 b3 b2 b1 b0
B
After reset RW
CPU Mode Register
0, 1
2
3
0
1
1
1
0
0
Name
Functions
Processor mode bits
(CM0, CM1)
0 0: Single-chip mode
0 1:
1 0:
Not available
1 1:
Fix these bits to “1.”
1
Stack page selection
bit (CM2) (See note 1)
1
b1 b0
0: 0 page
1: 1 page
0
0
CPU mode register (CPUM) (CM) [Address 00FB16]
RW
RW
RW
5
6
Main Clock (X IN–XOUT)
stop bit
(CM6)
RW
RW
XCOUT drivability
selection bit (CM5)
0: LOW drive
1: HIGH drive
0: Oscillating
1: Stopped
7
Internal system clock
selection bit
(CM7)
RW
0: XIN–XOUT selected
(high-speed mode)
1: XCIN–XCOUT selected
(high-speed mode)
Notes 1: This bit is set to “1” after the reset release.
2: The internal system clock
φ stops at HIGH.
4
Internal system clock
output selection bit
(CM4) (See note 2)
0: Output is stopped
1: Internal system
clock
φ output
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com