Electronic Components Datasheet Search
  English  ▼

X  

M37207M8-059SP Datasheet(PDF) 114 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 114 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 113Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 114Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 115Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 116Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 117Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 118Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 121 page
background image
114
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Interrupt Reguest Register 2
Interrupt Reguest Register 1
Address 00FC16
Address 00FD16
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1 (IREQ1) [Address 00FC
B
Name
Functions
After reset RW
Interrupt Request Register 1
0
0 : No interrupt request issued
1 : Interrupt request issued
Timer 1 interrupt
request bit
(TM1R)
1
Timer 2 interrupt
request bit
(TM2R)
2
Timer 3 interrupt
request bit
(TM3R)
3
Timer 4 interrupt
request bit
(TM4R)
4
CRT interrupt
request bit
(CRTR)
5VSYNC interrupt
request bit
(VSCR)
6
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
0
V
0
V
0
V
0
V
0
V
0
V
Multi-master I 2C-BUS
interface interrupt
request bit
(IICR)
0 : No interrupt request issued
1 : Interrupt request issued
V
16
]
R
R
R
R
R
R
R
7
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
—
R
0
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 2 (IREQ2) [Address 00FD
B
Name
Functions
After reset RW
Interrupt Request Register 2
0
INT1 interrupt
request bit (ITIR)
0 : No interrupt request issued
1 : Interrupt request issued
1
INT2 interrupt
request bit (IT2R)
2
Serial I/O interrupt
request bit (SIR)
4
f(XIN)/4096 interrupt
request bit (MSR)
3,6 Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
7
Fix this bit to “0.”
0
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0
V: “0” can be set by software, but “1” cannot be set.
0
V
0
0
V
0
V
0
V
0 : No interrupt request issued
1 : Interrupt request issued
16
]
R
R
R
R—
R
RW
5
Timer 5 • 6 interrupt
request bit (TM56R)
0 : No interrupt request issued
1 : Interrupt request issued
0
V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com