Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 14Page - Texas Instruments TAS5548DCAR Datasheet HTML 15Page - Texas Instruments TAS5548DCAR Datasheet HTML 16Page - Texas Instruments TAS5548DCAR Datasheet HTML 17Page - Texas Instruments TAS5548DCAR Datasheet HTML 18Page - Texas Instruments TAS5548DCAR Datasheet HTML 19Page - Texas Instruments TAS5548DCAR Datasheet HTML 20Page - Texas Instruments TAS5548DCAR Datasheet HTML 21Page - Texas Instruments TAS5548DCAR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
23
22
SCLK
32Clks
LRCLK
LeftChannel
24-BitMode
1
20-BitMode
16-BitMode
15
14
MSB
LSB
SCLK
32Clks
RightChannel
2-ChannelRight-Justified(SonyFormat)StereoInput
T0034-03
19
18
1
19
18
1
0
0
0
15
14
15
14
23
22
1
15
14
MSB
LSB
19
18
1
19
18
1
0
0
0
15
14
15
14
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
7.3.1.3 Right-Justified Timing
Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and when
it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock running at
64 fS is used to clock in the data. The first bit of data appears on the data lines eight bit-clock periods (for 24-bit
data) after LRCLK toggles. In RJ mode the LSB of data is always clocked by the last bit clock before LRCLK
transitions. The data is written MSB first and is valid on the rising edge of the bit clock. The TAS5548 masks
unused leading data bit positions.
Figure 17. Right-Justified 64-fS Format
7.3.2 OUTPUT Serial Audio Output
Serial audio output formats supported are left justified (LJ), right justified (RJ) and I2S.
Serial audio output word lengths supported are 16 bits, 20 bits and 24 bits.
Other formats or word lengths are not supported.
7.3.3 I2S Master Mode
In master mode, the SDIN1/SDIN2/SDIN3/SDIN4 and optionally SDIN5 are assumed to be generated according
to LRCLK and SCLK output by TAS5548.
As the SDIN5 will never go through the ASRC, the SDIN5 can be accepted with master mode only. Internally, the
LRCLK and SCLK for the SDIN5 are always assumed to be the same with LRCLK and SCLK outputs. When set
in I2S master mode, the I2S input/output formats should not mix I2S and LJ/RJ. If the input format is I2S then the
output format must also be I2S. When the input format is not I2S then the output format must also not be I2S.
Left justified and right justified can be mixed. When the SDIN5 is activated (SDOUT is not available), the
LRCLKO will be the internal sample rate, that is either 96 kHz or 192 kHz. The SCLKO will be 64x LRCLKO.
18
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com