Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 53Page - Texas Instruments TAS5548DCAR Datasheet HTML 54Page - Texas Instruments TAS5548DCAR Datasheet HTML 55Page - Texas Instruments TAS5548DCAR Datasheet HTML 56Page - Texas Instruments TAS5548DCAR Datasheet HTML 57Page - Texas Instruments TAS5548DCAR Datasheet HTML 58Page - Texas Instruments TAS5548DCAR Datasheet HTML 59Page - Texas Instruments TAS5548DCAR Datasheet HTML 60Page - Texas Instruments TAS5548DCAR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Register Maps (continued)
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE (hex)
BYTES
SUBADDRESS
0xC7
8
Reserved
Do not Read or Write
0000 0000 0000 0000
0xC8
4
Reserved
Do not Read or Write
0000 0000
0xC9
4
Reserved
Do not Read or Write
0000 0000
0xCA
8
Reserved
Do not Read or Write
0000 0000 0000 0000
0xCB
4
Reserved
Do not Read or Write
0000 0000
0xCC
4
Auto Mute Behaviour
See Auto Mute Behavior (0xCC)
TBD
0xCD
4
Reserved
Do not Read or Write
RESERVED
0xCF
20
PSVC Volume biquad
PSVC Volume biquad
80 2nd Byte – Other 00
Volume, treble, and bass
0xD0
4
Gain Adjust Rate
0000 013F
slew rates register
0xD1
4
Ch1 volume
Ch1 volume
0000 0048
0xD2
4
Ch2 volume
Ch2 volume
0000 0048
0xD3
4
Ch3 volume
Ch3 volume
0000 0048
0xD4
4
Ch4 volume
Ch4 volume
0000 0048
0xD5
4
Ch5 volume
Ch5 volume
0000 0048
0xD6
4
Ch6 volume
Ch6 volume
0000 0048
0xD7
4
Ch7 volume
Ch7 volume
0000 0048
0xD8
4
Ch8 volume
Ch8 volume
0000 0048
0xD9
4
Master volume
Master volume
0000 0245
0xDA
4
Bass filter set register
Bass filter set (all channels)
0303 0303
0xDB
4
Bass filter index register
Bass filter level (all channels)
1212 1212
0xDC
4
Treble filter set register
Treble filter set (all channels)
0303 0303
0xDD
4
Treble filter index register
Treble filter level (all channels)
1212 1212
0xDE
4
AM mode register
Set up AM mode for AM-interference
0000 0000
reduction
0xDF
4
PSVC range register
Set PSVC control range
0000 0002
0xE0
4
General control register
6- or 8-channel configuration, PSVC
0000 0000
enable
0xE1
4
Reserved
Do not Read or Write
N/A
0xE2
12
Reserved
Do not Read or Write
N/A
0xE3
4
r_dolby_COEFLR
96K Dolby Downmix 5.23. See
0029 0333
0xE4
4
r_dolby_COEFC
96K Dolby Downmix 5.23. See
001C FEEF
0xE5
4
r_dolby_COEFLSP
96K Dolby Downmix 5.23. See
001C FEEF
0xE6
4
r_dolby_COEFRSP
96K Dolby Downmix 5.23. See
001C FEEF
0xE7
4
r_dolby_COEFLSM
96K Dolby Downmix 5.23. See
0FE3 0111
0xE8
4
r_dolby_COEFRSM
96K Dolby Downmix 5.23. See
0FE3 0111
0xE9
4
THD_Manager_Pre
Boost (5.23)
0080 0000
0xEA
4
THD_Manager_Post
Cut (5.23)
0080 0000
0xEB
Reserved
N/A
0xEC
8
SDIN5 input mix L[1]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[1]
See
0000 0000 0000 0000
0xED
8
SDIN5 input mix L[2]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[2]
See Table 80
0000 0000 0000 0000
0xEE
8
SDIN5 input mix L[3]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[3]
See Table 80
0000 0000 0000 0000
0xEF
8
SDIN5 input mix L[4]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[4]
See Table 80
0000 0000 0000 0000
0xF0
8
SDIN5 input mix L[5]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[5]
See Table 80
0000 0000 0000 0000
0xF1
8
SDIN5 input mix L[6]
See Table 80
0000 0000 0000 0000
SDIN5 input mix R[6]
See Table 80
0000 0000 0000 0000
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com