Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 26Page - Texas Instruments TAS5548DCAR Datasheet HTML 27Page - Texas Instruments TAS5548DCAR Datasheet HTML 28Page - Texas Instruments TAS5548DCAR Datasheet HTML 29Page - Texas Instruments TAS5548DCAR Datasheet HTML 30Page - Texas Instruments TAS5548DCAR Datasheet HTML 31Page - Texas Instruments TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments TAS5548DCAR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
7
Biquads
in
Series
Bass
and
Treble
Loudness
DRC
Input
Mixer
1 Other
Channel Output
Available For 7 & 8
32-Bit
Trunc
PWM
Proc
A_to_ipmix
B_to_ipmix
A
SDIN1
B
C_to_ipmix
D_to_ipmix
SDIN2
Left
Right
Channel V o l u m e
Bass and Treble
Bypass
Bass
and
Treble
Inline
Pre-
Vo l u m e
Post-
Vo l u m e
Output
Gain
Output Mixer Sums
Any Two Channels
PWM
Output
C
D
Left
Right
DRC
Bypass
DRC
Inline
E_to_ipmix
F_to_ipmix
E
SDIN3
F
G_to_ipmix
H_to_ipmix
SDIN4
Left
Right
G
H
Left
Right
B0016
Master
Volume
Max
Volume
IP Mixer 1
(I2C 0x41)
6 X 4
Crossbar
Input Mixer
A
F
E
B
I
J
SDIN1-L (L) (1)
SDIN1-R (R)
SDIN3-L (C)
SDIN3-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 2
(I2C 0x42)
6 X 4
Crossbar
Input Mixer
A
F
E
B
I
J
SDIN1-L (L)
SDIN1-R ( R) (1)
SDIN3-L (C)
SDIN3-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 7
(I2C 0x47)
6 X 4
Crossbar
Input Mixer
A
F
E
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN3-L (C) (1)
SDIN3-R (LFE)
MIC-L-IN
MIC-R-IN
IP Mixer 8
(I2C 0x48)
6 X 4
Crossbar
Input Mixer
A
F
E
B
I
J
SDIN1-L (L)
SDIN1-R (R)
SDIN3-L (C)
SDIN3-R (LFE) (1)
MIC-L-IN
MIC-R-IN
2 DAP 8
BQ
(0x82 -
0x83
2 DAP 7
BQ
(0x7B-
0x7C
Coeff=0 (lin), (I2C 0x4F )
Coeff=0 (lin),
(I2C 0x4C)
Coeff=1 (lin),
(I2C 0x50 )
Coeff=1 (lin),
(I2C 0x4D)
Coeff=0 (lin), (I2C 0x4B )
Coeff=0 (lin), (I2C 0x4E )
Coeff=0 (lin), (I2C 0x4A )
Coeff=0 (lin), (I2C 0x49 )
5 DAP 1
BQ
(0x51 -
0x55
5 DAP 2
BQ
(0x58 -
0x5C
4 DAP 8
BQ
(0x84 -
0x87
Bass
Treble 1
BQ
(0x89-
0x90)
Bass
Treble 2
BQ
(0x89-
0x90)
Bass
BQ
(0x89-
0x90)
Volume
1
(0xD1-
0xD8)
Volume
2
(0xD1-
0xD8)
Loudnes
s 1
(0x91-
0x95)
OP Mixer 1
(I C 0xF4 )
2
4 × 2 Output
Mixer
Volume
7
(0xD1-
0xD8)
Volume
8
(0xD1-
0xD8)
Loudnes
s 2
(0x91-
0x95)
Loudnes
s 8
(0x91-
0x95)
DRC
1
(0x98-
0x9C)
DRC
1
(0x98-
0x9C)
DRC
2
(0x9D-
0xA1)
OP Mixer 2
(I C 0xF5 )
2
4 × 2 Output
Mixer
OP Mixer 7
(I2C 0xF6 )
4 × 3 Output
Mixer
OP Mixer 8
(I C 0xF7 )
2
4 × 3 Output
Mixer
Master Vol
(0xXX)
Max VOL
THD Management
xE9, xEA
L to PWM1
R to PWM2
C to PWM7
Sub to PWM8
4 DAP
BQ
(0x7D-
0x80
7
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
(1)
Default inputs
Figure 24. TAS5548 Architecture With I2C Registers in 192kHz Native Mode (fS = 176.4 kHz or fS = 192
kHz)
Figure 25. TAS5548 Detailed Channel Processing
7.4.10 I 2C Coefficient Number Formats
The architecture of the TAS5548 is contained in ROM resources within the device and cannot be altered.
However, mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface,
provide a user with the flexibility to set the TAS5548 to a configuration that achieves system-level goals.
30
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com