Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 98 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 94Page - Texas Instruments TAS5548DCAR Datasheet HTML 95Page - Texas Instruments TAS5548DCAR Datasheet HTML 96Page - Texas Instruments TAS5548DCAR Datasheet HTML 97Page - Texas Instruments TAS5548DCAR Datasheet HTML 98Page - Texas Instruments TAS5548DCAR Datasheet HTML 99Page - Texas Instruments TAS5548DCAR Datasheet HTML 100Page - Texas Instruments TAS5548DCAR Datasheet HTML 101Page - Texas Instruments TAS5548DCAR Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 116 page
background image
HPPWM
PWM8
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
PWM1
MCLKI
SDIN
SDOUT1
SDOUT2
SCKI
LRCKI
TAS 3108
Audio Source
CLK_Gen
Control
LRCK1
SCK1
SDIN1
SDIN2
8ch PWM
Modulator
+
HP-PWMOUT
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
32 bits Data Path
48 bits Accumulator
1365 Cycles
Fixed Processing DAP
10 Channel Input Mixer
8 Channel Processing
8 Channel Output Mixer
32kHz–192kHz Input
4ch ASRC
Fixed 96kHz Output
Serial Audio
Receiver
4ch
2 Stereo
Serial Audio
Receiver
4ch
2 Stereo
LRCKO/LRCKIN2
SCKO/SCKIN2
SDIN3
SDIN4
4ch
4ch
Serial Audio
Receiver
Transmitter
1 Stereo
SDOUT/SDIN5
I/
O
I
O
I
I
I
I
I
I/
O
I/
O
MCLKO/PSVC
OSC
12.288MHz
8ch
O
O
O
O
O
O
O
O
O
I
O
SDOUT
MCLKO
2ch
2ch
Bypass mode
2ch
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
(c) SDIN3/4 Act as a "return from external processing", in master mode, synchronized to MLCKO, SCLKO,
LRCLKO
Table 85. Master/Slave Serial Audio Receiver/Transmitter
Slave Serial Audio port
Master Serial Audio port
•
To ASRC1 and ASRC2
–
SCLK LRCLK
•
MCLKO
–
Synchronous data
•
SCLKO
Use case-1
•
LRCLKO
–
SDIN1
•
Synchronous data
–
SDIN2
–
SDIN5(mic) or SDOUT
–
SDIN3
–
SDIN4
•
To ASRC1
–
SCLK
–
LRCLK
–
Synchronous data
–
SDIN1
–
SDIN2
Use case-2
None of Master
•
To ASRC2
–
SCLKIN-2
–
LRCLKIN-2
–
Synchronous data
–
SDIN2-1
–
SDIN2-2
•
MLCKO
•
To ASRC1
•
SCLKO
–
SCLK
•
LRCLKO
–
LRCLK
Use case-3
•
Synchronous data
–
Synchronous data
–
SDIN2-1 (ASRC2)
–
SDIN1
–
SDIN2-2 (ASRC2)
–
SDIN2
–
SDIN5 or SDOUT
By using use case-3, TAS5548 can connect TAS3108 as external co-processor as follows:
Figure 48. TAS3108 as External Co-processor
98
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com