Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 82 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 78Page - Texas Instruments TAS5548DCAR Datasheet HTML 79Page - Texas Instruments TAS5548DCAR Datasheet HTML 80Page - Texas Instruments TAS5548DCAR Datasheet HTML 81Page - Texas Instruments TAS5548DCAR Datasheet HTML 82Page - Texas Instruments TAS5548DCAR Datasheet HTML 83Page - Texas Instruments TAS5548DCAR Datasheet HTML 84Page - Texas Instruments TAS5548DCAR Datasheet HTML 85Page - Texas Instruments TAS5548DCAR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 116 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Table 55. ASRC Mode Control 0xC5 (continued)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
1
0
Select ASRC channel 3+4 (from SDIN2) outputs for serial out
1
1
Select DAP output for serial out
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
MDIV0/1 -Division factor for MCLKO
Division factor for MCLKO
0
1
00 :Divide by 1 (Default)
1
0
01 : Divide by 2
10 : Divide by 4
1
1
11 : Divide by 8
0
0
Sampling Rate
00 : 88.2/96 kHz (Default)
0
1
01 : 176.4/192 kHz
1
0
1x : 44.1/48 kHz
1
1
For 192kHz Native 4ch process flow, ALWAYS set D20 to 1, to ensure correct data output.
7.6.2.33 Auto Mute Behavior (0xCC)
Table 56. Auto Mute Behavior
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Reserved
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Reserved
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
Disable noise shaper on auto mute
1
Do not disable noise shaper on auto mute
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Do not stop PWM on auto mute (Stay at duty 50:50)
1
Stop PWM on auto mute
82
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com