Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 71Page - Texas Instruments TAS5548DCAR Datasheet HTML 72Page - Texas Instruments TAS5548DCAR Datasheet HTML 73Page - Texas Instruments TAS5548DCAR Datasheet HTML 74Page - Texas Instruments TAS5548DCAR Datasheet HTML 75Page - Texas Instruments TAS5548DCAR Datasheet HTML 76Page - Texas Instruments TAS5548DCAR Datasheet HTML 77Page - Texas Instruments TAS5548DCAR Datasheet HTML 78Page - Texas Instruments TAS5548DCAR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
7.6.2.26 DRC2 Control Register CH8 (0x97) – Write Register
DRC Control selects which channels contribute to the expansion/compression evaluation using DRC2. The
evaluation is global such that if one signal forces compression all DRC2 signals will be in compression.
Table 44. Write Register Format
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
x
x
x
x
x
x
x
x
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
x
x
x
x
x
x
x
x
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
x
x
x
x
x
x
x
x
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
x
x
x
x
x
x
0
0
Channel 8: Not included in DRC evaluation
x
x
x
x
x
x
0
1
Channel 8: Pre-volume DRC
x
x
x
x
x
x
1
0
Channel 8: Post-volume DRC
x
x
x
x
x
x
1
1
Channel 8: Not included in DRC evaluation
7.6.2.27 DRC1 Data Registers (0x98–0x9C)
DRC1 applies to channels 1, 2, 3, 4, 5, 6, and 7.
Table 45. DRC1 Data Register Format
I2C
TOT
AL
SUB-
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
DATA DECIMAL
BYTE
ADDRES
S
S
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], E[27:24], E[23:16], E[15:8], E[7:0]
0000 883F
mS
DRC1 energy
0x98
8
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], 1–E[27:24], 1–E[23:16], 1–E[15:8],
007F 77C0
DRC1 (1 – energy)
1–E[7:0]
Channel 1, 2, 3, 4, 5, 6, and 7
T1[31:24], T1[23:16], T1[15:8], T1[7:0]
0B20 E2B2
dB
DRC1 threshold lower 32 bits
(T1)
0x99
8
Channel 1, 2, 3, 4, 5, 6, and 7
T2[31:24], T2[23:16], T2[15:8], T2[7:0]
06F9 DE58
dB
DRC1 threshold lower 32 bits
(T2)
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], k0[27:24], k0[23:16], k0[15:8], k0[7:0]
0040 0000
ratio
DRC1 slope (k0)
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], k1[27:24], k1[23:16], k1[15:8], k1[7:0]
0FC0 0000
ratio
0x9A
12
DRC1 slope (k1)
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], k2[27:24], k2[23:16], k2[15:8], k2[7:0]
0F90 0000
ratio
DRC1 slope (k2)
Channel 1, 2, 3, 4, 5, 6, and 7
O1[31:24], O1[23:16], O1[15:8], O1[7:0]
FF82 3098
dB
DRC1 offset-1 lower 32 bits
(O1)
0x9B
8
Channel 1, 2, 3, 4, 5, 6, and 7
O2[31:24], O2[23:16], O2[15:8], O2[7:0]
0195 B2C0
dB
DRC1 offset-2 lower 32 bits
(O2)
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], A[27:24], A[23:16], A[15:8], A[7:0]
0000 883F
mS
DRC1 attack
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], 1–A[27:24], 1–A[23:16], 1–A[15:8],
007F 77C0
DRC1 (1 – attack)
1–A[7:0]
0x9C
16
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], D[27:24], D[23:16], D[15:8], D[7:0]
0000 0056
mS
DRC1 decay
Channel 1, 2, 3, 4, 5, 6, and 7
u[31:28], 1–D[27:24], 1–D[23:16], 1–D[15:8],
003F FFA8
DRC1 (1 – decay)
1–D[7:0]
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
75
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com