Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 39Page - Texas Instruments TAS5548DCAR Datasheet HTML 40Page - Texas Instruments TAS5548DCAR Datasheet HTML 41Page - Texas Instruments TAS5548DCAR Datasheet HTML 42Page - Texas Instruments TAS5548DCAR Datasheet HTML 43Page - Texas Instruments TAS5548DCAR Datasheet HTML 44Page - Texas Instruments TAS5548DCAR Datasheet HTML 45Page - Texas Instruments TAS5548DCAR Datasheet HTML 46Page - Texas Instruments TAS5548DCAR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
Compression equation: k
–4
1
n
1
n
1
3
–0.3333 : 1 compression
Expansion equation: k
–4
n
1
n
3
1 : –3 expansion
=
=
=
–
→
→
= –
→
=
–
= –
→
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
As can be seen, the same value for k is obtained either way. The ability to choose values of k less than –1
allows the DRC to implement negative-slope transfer curves within a given region. Negative-slope transfer curves
are usually not associated with compression and expansion operations, but the definition of these operations can
be expanded to include negative-slope transfer functions. For example, if k = –4
With k = –4, the output decreases 3 dB for every 1 dB increase in the rms value of the audio into the DRC. As
the input increases in volume, the output decreases in volume.
7.4.17 THD Manager
The THD manager is designed to set the max output level target after all processing has been completed. The
Audio clip engages at +24dB between (pre) and (post) stage. 10% distortion occurs when audio is clipping
approx +2.4 to 3dB over full scale. There is amplitude loss when clipping, so THD(post) might allow slight gain
through THD manager. 10% distortion clipping will account for approx -1dB of output level loss. This is accounted
for as seen with +1dB in step 2 to set output level +0dB
Example setup to modify 10% THD output level: * note that coefficient calculations are approximate for simplicity
1. Signal path settings
–
Input -10dBFS
–
Volume 0xD9 0000 000C +15dB
–
THD Manager (pre) 0xE9 0650 0000 +22dB
–
THD Manager (post) 0xEA 0006 7000 -26dB
2. resulting output
–
output clipping at 10% distortion with output level +0dB
–
input -10 vol +15 THD(pre) +22 THD(post) -26
–
-10 +5 +27(clip) +1
3. Begin clipping at -12dBFS input with +0dB output level
–
THD Manager (pre) 0xE9 07FF FFFF +24dB (previous setting +22dB + 2dB)
–
result: input -12dBFS output clipping at 10% distortion with output level +0dB
–
input -12 vol +15 THD(pre) +24 THD(post) -26
–
-12 +3 +27(clip) +1
4. Begin clipping at -12dBFS input with -10dB output
–
THD Manager (post) 0xEA 0002 0000 -36dB (previous setting -26dB -10dB)
–
result: input -12dBFS output clipping at 10% distortion with output level +0dB
–
input -12 vol +15 THD(pre) +24 THD(post) -36
–
-12 +3 +27(clip) -9
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com