Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 47Page - Texas Instruments TAS5548DCAR Datasheet HTML 48Page - Texas Instruments TAS5548DCAR Datasheet HTML 49Page - Texas Instruments TAS5548DCAR Datasheet HTML 50Page - Texas Instruments TAS5548DCAR Datasheet HTML 51Page - Texas Instruments TAS5548DCAR Datasheet HTML 52Page - Texas Instruments TAS5548DCAR Datasheet HTML 53Page - Texas Instruments TAS5548DCAR Datasheet HTML 54Page - Texas Instruments TAS5548DCAR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
D7
D0 ACK
Stop
Condition
Acknowledge
I CDevice Addressand
2
Read/WriteBit
Subaddress
LastDataByte
A6
A5
A1
A0 R/W ACK A7
A5
A1
A0
ACK D7
ACK
Start
Condition
Acknowledge
Acknowledge
Acknowledge
FirstDataByte
A4
A3
A6
OtherDataBytes
ACK
Acknowledge
D0
D7
D0
T0036-02
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Programming (continued)
Figure 42. Multiple-Byte Write Transfer
7.5.1.5 Incremental Multiple-Byte Write
The I2C supports a special mode which permits I2C write operations to be broken up into multiple data write
operations that are multiples of four data bytes. These are 6-byte, 10-byte, 14-byte, 18-byte, etc., write
operations that are composed of a device address, read/write bit, subaddress, and any multiple of four bytes of
data. This permits the system to write large register values incrementally without blocking other I2C transactions.
This feature is enabled by the append subaddress function in the TAS5548. This function enables the TAS5548
to append four bytes of data to a register that was opened by a previous I2C register write operation but has not
received its complete number of data bytes. Because the length of the long registers is a multiple of four bytes,
using four-byte transfers has only an integral number of append operations.
When the correct number of bytes has been received, the TAS5548 begins processing the data.
The procedure to perform an incremental multibyte-write operation is as follows:
1. Start a normal I2C write operation by sending the device address, write bit, register subaddress, and the first
four bytes of the data to be written. At the end of that sequence, send a stop condition. At this point, the
register has been opened and accepts the remaining data that is sent by writing four-byte blocks of data to
the append subaddress (0xFE).
2. At a later time, one or more append data transfers are performed to incrementally transfer the remaining
number of bytes in sequential order to complete the register write operation. Each of these append
operations is composed of the device address, write bit, append subaddress (0xFE), and four bytes of data
followed by a stop condition.
3. The operation is terminated due to an error condition, and the data is flushed:
(a) If a new subaddress is written to the TAS5548 before the correct number of bytes are written.
(b) If more or fewer than four bytes are data written at the beginning or during any of the append operations.
(c) If a read bit is sent.
7.5.1.6 Single-Byte Read
As shown in Figure 43, a single-byte, data-read transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. For the data-read transfer, both a write and
then a read are actually performed. Initially, a write is performed to transfer the address byte or bytes of the
internal memory address to be read. As a result, the read/write bit is a 0. After receiving the TAS5548 address
and the read/write bit, the TAS5548 responds with an acknowledge bit. In addition, after sending the internal
memory address byte or bytes, the master device transmits another start condition followed by the TAS5548
address and the read/write bit again. This time the read/write bit is a 1, indicating a read transfer. After receiving
the TAS5548 address and the read/write bit, the TAS5548 again responds with an acknowledge bit. Next, the
TAS5548 transmits the data byte from the memory address being read. After receiving the data byte, the master
device transmits a not-acknowledge followed by a stop condition to complete the single-byte, data-read transfer.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com