Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 23Page - Texas Instruments TAS5548DCAR Datasheet HTML 24Page - Texas Instruments TAS5548DCAR Datasheet HTML 25Page - Texas Instruments TAS5548DCAR Datasheet HTML 26Page - Texas Instruments TAS5548DCAR Datasheet HTML 27Page - Texas Instruments TAS5548DCAR Datasheet HTML 28Page - Texas Instruments TAS5548DCAR Datasheet HTML 29Page - Texas Instruments TAS5548DCAR Datasheet HTML 30Page - Texas Instruments TAS5548DCAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
Differential voltage
-V
+V
PWM+
PWM -
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
To support efficiently the processing requirements of both multichannel 32-kHz to 96-kHz data and the 6-channel
176.4-kHz and 192-kHz data, the TAS5548 has separate audio-processing features for 32-kHz to 96-kHz data
rates and for 176.4 kHz and 192 kHz. See Table 6 for a summary of TAS5548 processing feature sets.
7.4.7.2 TAS5548 Audio-Processing Feature Sets
The audio processing architecture of the TAS5548 DAP for normal and double speed configurations is shown
below.
Table 6. TAS5548 Audio-Processing Feature Sets
32 kHz–96 kHz
32 kHz–96 kHz
176.4- and 192-kHz
FEATURE
8-CHANNEL FEATURE SET
6 + 2 LINEOUT FEATURE SET
FEATURE SET
Signal-processing channels
8
6 + 2
4
Master volume
1 for 8 channels
1 for 6 channels
1 for 4 channels
Individual channel volume
8
4
controls
Four bass and treble tone controls with
Four bass and treble tone controls with
Two bass and treble tone controls
±18-dB range, programmable corner
±18-dB range, programmable corner
with ±18-dB range, programmable
frequencies, and second- order slopes
frequencies, and second- order slopes
corner frequencies, and second-order
L, R, and C
L, R, and C
Bass and treble tone controls
slopes for satellite channels
LS, RS
LS, RS
(selectable). One Bass Control for
LBS, RBS
Sub
Sub (channel 8)
Sub
Line L and R
Biquads
56
22
1 for satellites and 1 for sub
Dynamic range compressors
1 for 7 satellites and 1 for sub
2 - 1 for 3 satellites and 1 for sub
(Line 1 and 2 Uncompressed)
Each of the eight signal-processing channels input can be any ratio of the eight input
Input/output mapping/
Channels 1, 2, 5, 6 has 4×1
channels.
mixer on the output and input
mixing
Each of the eight outputs can be any ratio of any two processed channels.
DC-blocking filters
Eight channels
(implemented in PWM section)
Digital de-emphasis
Eight channels for 32 kHz, 44.1 kHz, and
Six channels for 32 kHz, 44.1 kHz, and
N/A
(implemented in PWM section)
48 kHz
48 kHz
Loudness
Eight channels
Six channels
Four channels
Number of coefficient sets
Two additional coefficient sets can be stored in memory. (Bank Switching data for ASRC Bypass Mode)
stored
7.4.8 Pulse Width Modulation Schemes
TAS5548 supports three PWM modulations schemes: AD Mode, BD Mode and Ternary Mode. Ternary mode is
selected using register 0X25, bit D5. For AD and BD Modulation schemes, this bit should be set to 0. AD/BD
mode is selected via input mux registers 0X30-0X33. Following PWM timing diagram shows the three different
schemes.
Figure 20. AD Modulation
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com