Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 85 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 81Page - Texas Instruments TAS5548DCAR Datasheet HTML 82Page - Texas Instruments TAS5548DCAR Datasheet HTML 83Page - Texas Instruments TAS5548DCAR Datasheet HTML 84Page - Texas Instruments TAS5548DCAR Datasheet HTML 85Page - Texas Instruments TAS5548DCAR Datasheet HTML 86Page - Texas Instruments TAS5548DCAR Datasheet HTML 87Page - Texas Instruments TAS5548DCAR Datasheet HTML 88Page - Texas Instruments TAS5548DCAR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
TAS5548
www.ti.com
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
Table 60. Master and Individual Volume Controls
VOLUME INDEX (H)
GAIN/INDEX(dB)
001
17.75
002
17.5
003
17.25
004
17
005
16.75
006
16.5
007
16.25
008
16
009
15.75
00A
15.5
00B
15.25
00C
15
00D
14.75
00E
14.5
00F
14.25
010
14
. . .
. . .
044
1
045
0.75
046
0.5
047
0.25
048
0
049
–0.25
04A
–0.5
04B
–0.75
04C
–1
. . .
. . .
240
–126
241
–126.25
242
–126.5
243
–126.75
244
–127
245
Mute
TO
3FF
RESERVED
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com